Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 418Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 419Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 420Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 421Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 422Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 423Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 424Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 425Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 662 page
background image
Register Descriptions
5685X Digital Signal Controller User Manual, Rev. 4
15-22
Freescale Semiconductor
15.8.26 Port B Pull-Up Enable Register (GPIOB_PUER)
Figure 15-35. Port B Pull-Up Enable Register (GPIOB_PUER)
See Programmer’s Sheet on Appendix page B - 130
15.8.26.1 Pull-Up Enable (PUE)—Bits 15–0
These bits control whether pull-ups are enabled for inputs in either Normal or GPIO mode.
Pull ups are automatically disabled for outputs in both modes.
•
0 = Pull ups disabled for inputs
•
1 = Pull ups enabled for inputs (default)
15.8.27 Port C Pull-Up Enable Register (GPIOC_PUER)
Figure 15-36. Port C Pull-Up Enable Register (GPIOC_PUER)
See Programmer’s Sheet on Appendix page B - 131
15.8.27.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They are read as 1 and cannot be modified by
writing.
15.8.27.2 Pull-Up Enable (PUE)—Bits 5–0
These bits control whether pull-ups are enabled for inputs in either Normal or GPIO mode.
Pull ups are automatically disabled for outputs in both modes.
•
0 = Pull ups disabled for inputs
•
1 = Pull ups enabled for inputs (default)
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PUE
Write
Reset
111
111
11
1
1
1
1
1
1
1
1
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
PUE
Write
Reset
111
111
11
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com