Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 615 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 615 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 611Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 612Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 613Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 614Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 615Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 616Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 617Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 618Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 619Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-113
Freescale Semiconductor
Preliminary
Bits
Name
Description
3 - 0
DD
Port A Data Direction
These bits control the pins direction when in GPIO mode. In the Normal mode, these bits have
no effect on the output enables or pull-up enables.
0
Pin is an input; pull-ups are dependent on value of PUE registers. (default)
1
Pin is an output; pull-ups are disabled
Data Direction
Register
(GPIOA_DDR)
$1FFE60 + $1
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
DD
Write
Reset
0
00
000
00
00
00
00
00
GPIO Port A Data Direction Register (GPIOA_DDR)
GPIO
denotes Reserved Bits
9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com