Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-19
8.7.6.8 SPI Transmitter Empty Interrupt Priority Level
(SPI_XMIT IPL)—Bits 1–0
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These
IRQs are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.7 Interrupt Priority Register 6 (IPR6)
Figure 8-9. Interrupt Priority Register 6 (IPR6)
See Programmer’s Sheet on Appendix page B - 31
8.7.7.1 Timer Channel 1 Overflow Interrupt Priority Level
(TOVF1 IPL)—Bits 15–14
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These
IRQs are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.7.2 Timer Channel 1 Compare Interrupt Priority Level
(TCMP1 IPL)—Bits 13–12
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These
IRQs are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TOVF1 IPL
TCMP1 IPL
TINP0 IPL
TOVF0 IPL
TCMP0 IPL
TOD IPL
TOD_ALRM
IPL
HOST_CMD
IPL
Write
Reset
0
00
000
00
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com