Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 32Page - NXP Semiconductors PCF8813 Datasheet HTML 33Page - NXP Semiconductors PCF8813 Datasheet HTML 34Page - NXP Semiconductors PCF8813 Datasheet HTML 35Page - NXP Semiconductors PCF8813 Datasheet HTML 36Page - NXP Semiconductors PCF8813 Datasheet HTML 37Page - NXP Semiconductors PCF8813 Datasheet HTML 38Page - NXP Semiconductors PCF8813 Datasheet HTML 39Page - NXP Semiconductors PCF8813 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
2004 Mar 05
36
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
11.11 Set HV generator stages
The PCF8813 incorporates a software-configurable
voltage multiplier. After reset (RES) the voltage multiplier
is set to 2
× VDD2. Other voltage multiplier factors are set
via the set HVgen stages command bits S[1:0].
11.12 Bias system
The bias voltage levels are set in the ratio of
R-R-nR-R-R giving a 1/(n + 4) bias system. Different
multiplex rates require different n factors. This is
programmed by BS[2:0] (see Table 15).
For multiplex rates of 1 : 68 the optimum bias value n is
given by:
resulting in 1/9 bias.
Changing the bias system from the optimum value will
have a consequence for the contrast and viewing angle.
One reason to depart from the optimum would be to
reduce the required operating voltage. A compromise
between contrast and operating voltage must be found for
any particular application.
Table 15 Bias system programming
Table 16 LCD bias voltage
Notes
1. Operation of bias level V4 is given for
V4 > VSS + 0.9 V. For higher multiplex rates, VLCD has
to be selected accordingly.
2.
For multiplex rates equal to or lower than 1 : 24 (n = 2)
operation of the bias level V5 is limited to voltages
V5 < VDD2,3 − 1.1 V. VLCD has to be selected
accordingly.
The operating voltage can be set by software through the
interface. The binary number VOP representing the
operating voltage can be set according to the following
formula:
Where:
VOP is an 8-bit unsigned number used internally for
generation of the LCD supply voltage VLCD
VCAL is a 5-bit twos complement number set by the
module maker; see Table 17
VPR is an 8-bit unsigned number composed of PRS and
VPR* set by an interface command.
The corresponding voltage at the reference temperature,
TCUT, can be calculated as:
BS[2]
BS[1]
BS[0]
n
RECOMMENDED
MULTIPLEX RATES
0007
1 : 100
0016
1 : 80
0
1
0
5
1:65or1:67
0114
1 : 48
1
0
0
3
1:34or1:40
1012
1 : 24
1
1
0
1
1:18or1:16
1
1
1
0
1:10,1:9or1:8
n68
3
–
5.246
5
==
=
SYMBOL
BIAS VOLTAGES
BIAS
VOLTAGES
FOR 1/9 BIAS
V1
VLCD
VLCD
V2
8/9 × VLCD
V3
7/9 × VLCD
V4(1)
2/9 × VLCD
V5(2)
1/9 × VLCD
V6
VSS
VSS
n3
+
()
n4
+
()
-----------------
n2
+
()
n4
+
()
-----------------
2
n4
+
()
-----------------
1
n4
+
()
-----------------
V
OP
V
CAL 4:0
[] V
PR∗
+
=
V
LCD Tcut
()
aV
OP
b
×
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com