Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 64Page - NXP Semiconductors PCF8813 Datasheet HTML 65Page - NXP Semiconductors PCF8813 Datasheet HTML 66Page - NXP Semiconductors PCF8813 Datasheet HTML 67Page - NXP Semiconductors PCF8813 Datasheet HTML 68Page - NXP Semiconductors PCF8813 Datasheet HTML 69Page - NXP Semiconductors PCF8813 Datasheet HTML 70Page - NXP Semiconductors PCF8813 Datasheet HTML 71Page - NXP Semiconductors PCF8813 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
2004 Mar 05
68
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
handbook, halfpage
MGU650
10.845 mm
1.845
mm
x
y
pitch
Fig.56 Chip dimensions.
MGU651
handbook, halfpage
x center
y center
d
Fig.57 Shape of alignment mark.
d=90
µm; there are two 90 µm alignment marks.
Table 28 Bump size
PARAMETER
VALUE
(
µm)
Bump width
32
Bump length
81
Bump height
17.5
Minimum pad pitch
54
Pad size, aluminium
45
× 81
Maximum wafer thickness, including bumps
430
Typical wafer thickness, without bumps
381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com