Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8813 Datasheet HTML 1Page - NXP Semiconductors PCF8813 Datasheet HTML 2Page - NXP Semiconductors PCF8813 Datasheet HTML 3Page - NXP Semiconductors PCF8813 Datasheet HTML 4Page - NXP Semiconductors PCF8813 Datasheet HTML 5Page - NXP Semiconductors PCF8813 Datasheet HTML 6Page - NXP Semiconductors PCF8813 Datasheet HTML 7Page - NXP Semiconductors PCF8813 Datasheet HTML 8Page - NXP Semiconductors PCF8813 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
2004 Mar 05
5
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
6
PINNING
SYMBOL
PAD(1)
DESCRIPTION
R15 to R0
7 to 22
LCD row driver outputs
R16 to R31
23 to 38
C0 to C101
39 to 140
LCD column driver outputs
R67
141
LCD row driver output for row 67 (used only for icons)
R66 to R48
142 to 160
LCD row driver outputs
R32 to R47
161 to 176
R67
177
duplicated LCD row driver output for row 67 (used only for icons)
SDAHOUT
183
data output for I2C-bus interface; notes 2 and 3
SDAH
184 to 185
data output for I2C-bus interface; note 2
VDD1
186 to 191
supply voltage 1; note 4
VDD3
192 to 196
supply voltage 3; note 4
VDD2
197 to 206
supply voltage 2; note 4
VDD1
207
supply voltage 1; notes 4 and 5
R/W/WR
208
READ/WRITE (6800) or WRITE (8080 interface) input; note 6
E/RD
209
clock enable (6800 interface) or READ (8080 interface) input; note 7
DB0
210
parallel data input/output; note 8
DB1
211
parallel data input/output; note 8
DB2/SA0
212
parallel data input/output or I2C-bus slave address input (bit 0)
DB3/SA1
213
parallel data input/output or I2C-bus slave address input (bit 1)
DB4
214
parallel data input/output; note 8
DB5/SDOUT
215
parallel data input/output or serial output (SDOUT)
DB6/SCLK
216
parallel data input/output or output or serial clock input (SCLK)
DB7/SDATA
217
parallel data input/output or serial data input (SDATA)
VSS1
218
ground voltage 1; notes 5 and 9
D/C
219
data/command; note 10
SCE/SCLH
220 to 221
chip enable or clock input for I2C-bus interface
VOTPPROG
222 to 224
voltage inputs for OTP programming; see note 11
VDD1
225
supply voltage 1; notes 4 and 5
OSC
226
oscillator input; note 12
VSS2
227 to 236
ground voltage 2; note 9
VSS1
237 to 246
ground voltage 1; note 9
T5
247
test input 5; note 13
T1
248
test input 1; note 13
T2
249
test input 2; note 13
PS0
250
parallel/serial/I2C-bus data input selection pad 0
PS1
251
parallel/serial/I2C-bus data input selection pad 1
PS2
252
parallel/serial/I2C-bus data input selection pad 2
VDD1
253
supply voltage 1; notes 4 and 5
T4
254
test output 4; note 13
T3
255
test output 3; note 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com