Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 37Page - NXP Semiconductors PCF8813 Datasheet HTML 38Page - NXP Semiconductors PCF8813 Datasheet HTML 39Page - NXP Semiconductors PCF8813 Datasheet HTML 40Page - NXP Semiconductors PCF8813 Datasheet HTML 41Page - NXP Semiconductors PCF8813 Datasheet HTML 42Page - NXP Semiconductors PCF8813 Datasheet HTML 43Page - NXP Semiconductors PCF8813 Datasheet HTML 44Page - NXP Semiconductors PCF8813 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
2004 Mar 05
41
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
3-line and 4-line SPI and serial interface; VDD1 = 1.8 to 3.3 V; Figs 41 to 44; note 5
fSCLK
SCLK frequency
−−
9
MHz
Tcyc
SCLK cycle time
111
−−
ns
tPWH1
SCLK pulse width HIGH
45
−−
ns
tPWL1
SCLK pulse width LOW
45
−−
ns
tPWH2
SCE minimum HIGH time
50
−−
ns
tS1
SDATA set-up time
50
−−
ns
tH1
SDATA hold time
50
−−
ns
tS2
SCE set-up time
60
−−
ns
tH2
SCE hold time
45
−−
ns
tS3
data/command set-up time
50
−−
ns
tH3
data/command hold time
50
−−
ns
t1
SDOUT access time
−−
80
ns
t2
SDOUT disable time
note 6
−−
80
ns
t3
SCE hold time
50
−−
ns
t4
SDOUT disable time
note 7
−−
80
ns
Cb
capacitive load for SDOUT
note 8
−−
30
pF
Rb
series resistance for SDOUT
note 8
−−
500
Ω
I2C-bus interface in Fast-mode; VDD1 = 1.7 to 3.3 V; Fig.45
fSCL
SCL clock frequency
0
−
400
kHz
tLOW
SCL clock low period
1.3
−−µs
tHIGH
SCL clock high period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−
0.9
µs
cb
capacitive load represented by
each bus line
−−
400
pF
tSU;STA
set-up time for a repeated START
condition
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSP
tolerable spike width on bus
note 9
−−
50
ns
I2C-bus interface in Hs-mode; VDD1 = 1.7 to 3.3 V; Fig.46
fSCLH
SCLH clock frequency
0
−
3.4
MHz
tSU;STA
set-up time (repeated) START
condition
160
-
−
ns
tHD;STA
hold time (repeated) START
condition
160
−−
ns
tLOW
LOW period of the SCLH clock
160
−−
ns
tHIGH
HIGH period of the SCLH clock
60
−−
ns
tSU;DAT
data set-up time
10
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com