Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 19Page - NXP Semiconductors PCF8813 Datasheet HTML 20Page - NXP Semiconductors PCF8813 Datasheet HTML 21Page - NXP Semiconductors PCF8813 Datasheet HTML 22Page - NXP Semiconductors PCF8813 Datasheet HTML 23Page - NXP Semiconductors PCF8813 Datasheet HTML 24Page - NXP Semiconductors PCF8813 Datasheet HTML 25Page - NXP Semiconductors PCF8813 Datasheet HTML 26Page - NXP Semiconductors PCF8813 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
2004 Mar 05
23
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
10 I2C-BUS INTERFACE (Hs-MODE)
10.1
Characteristics of the I2C-bus (Hs-mode)
The I2C-bus Hs-mode is for bidirectional, two-line
communication between different ICs or modules with
speeds up to 3.4 MHz. The only difference between
Hs-mode slave devices and Fast-mode slave devices is
the speed at which they operate, therefore the buffers on
the SLCH and SDAH outputs(1) have an open-drain. This
is the same for I2C-bus master devices which have an
open-drain SDAH output and a combination of open-drain
pull-down and current source pull-up circuits on the SCLH
output. Only the current source of one master is enabled
at any one time, and only during Hs-mode. Both lines must
be connected to a positive supply via a pull-up resistor.
Data transfer may be initiated only when the bus is not
busy.
10.1.1
SYSTEM CONFIGURATION
• Transmitter: the device that sends the data to the bus
• Receiver: the device that receives the data from the bus
• Master: the device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronisation: procedure to synchronize the clock
signals of two or more devices.
(1) In Hs-mode, SCL and SDA lines operating at the higher
frequency are referred to as SCLH and SDAH.
MGA807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER
Fig.25 System configuration.
10.1.2
BIT TRANSFER
One data bit is transferred during each clock pulse (see
Fig.26). The data on the SDAH line must remain stable
during the HIGH period of the clock pulse as changes in
the data line at this time will be interpreted as control
signals.
handbook, full pagewidth
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.26 Bit transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com