Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 56Page - NXP Semiconductors PCF8813 Datasheet HTML 57Page - NXP Semiconductors PCF8813 Datasheet HTML 58Page - NXP Semiconductors PCF8813 Datasheet HTML 59Page - NXP Semiconductors PCF8813 Datasheet HTML 60Page - NXP Semiconductors PCF8813 Datasheet HTML 61Page - NXP Semiconductors PCF8813 Datasheet HTML 62Page - NXP Semiconductors PCF8813 Datasheet HTML 63Page - NXP Semiconductors PCF8813 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
2004 Mar 05
60
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
18 APPLICATION INFORMATION
For additional application information, refer to application
note
“AN10170”.
18.1
Protection from light
Semiconductors are light-sensitive. Exposure to light
sources can cause malfunctions, therefore the IC should
be protected from light in the application. Light protection
needs to be applied to all sides of the IC (front, rear and all
edges).
18.2
Application examples
In the following application examples, the required
minimum values of the external capacitors are:
• CVLCD = 100 nF minimum
• CVDD,CVDD1 and CVDD2 =1 µF minimum
• Higher capacitor values are recommended for ripple
reduction.
handbook, full pagewidth
MGU647
DISPLAY 102
× 68 pixels
I/O
32
102
36
CVLCD
PCF8813
VDD
VSS
CVDD
Fig.51 Application example using the internal charge pump and a single VDD source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com