Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 2Page - NXP Semiconductors PCF8813 Datasheet HTML 3Page - NXP Semiconductors PCF8813 Datasheet HTML 4Page - NXP Semiconductors PCF8813 Datasheet HTML 5Page - NXP Semiconductors PCF8813 Datasheet HTML 6Page - NXP Semiconductors PCF8813 Datasheet HTML 7Page - NXP Semiconductors PCF8813 Datasheet HTML 8Page - NXP Semiconductors PCF8813 Datasheet HTML 9Page - NXP Semiconductors PCF8813 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
2004 Mar 05
6
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Notes
1. Dummy pads are located at positions 1, 2, 3, 5, 6, 179, 180, 181, 182 and 274; dummy and alignment pads are
located at positions 4 and 178.
2. When not in use, this pad must be connected to VDD1 or VSS1.
3. Output SDAHOUT is used as the data acknowledge output when the I2C-bus is selected. By connecting SDAHOUT
to SDAH externally, the SDAH line becomes fully I2C-bus compatible. Having the acknowledge output separated
from the serial data line is advantageous in COG applications because where the track resistance from the
SDAHOUT pad to the SDAH line can be significant, a potential divider is generated by the bus pull-up resistor and
the ITO track resistance. Therefore it is possible during the acknowledge cycle that the PCF8813 will not create a
logic LOW level. By splitting the SDAH input from the SDAHOUT output, the device could be used in a mode that
ignores the acknowledge bit. In COG applications where the acknowledge cycle is required, it is necessary to
minimize the track resistance from the SDAHOUT pad to the system SDAH line to guarantee a valid LOW level.
4. VDD2 and VDD3 supply the internal voltage generator, both have the same voltage and may be connected together
outside of the chip; VDD1 supplies the remainder of the chip. VDD1, VDD2 and VDD3 can be connected together but
then care must be taken with respect to the supply voltage range. If the internal voltage generator is not used, pads
VDD2 and VDD3 must be connected to pads VDD1.
5. This pad can be used to tie-off unused input pads to the power supply voltage or to ground.
6. This input is not used in serial and I2C-bus mode and must therefore be connected to either VDD1 or VSS1.
7. This input is not used when the serial or I2C-bus interface is selected and must therefore be connected to VDD1 or
VSS1.
8. When serial or I2C-bus mode is selected, the unused parallel pads must be connected to VDD1 or VSS1.
9. Supply rails VSS1 and VSS2 must be connected together.
10. This input is not used with the 3-line serial interface and must therefore be connected to VDD1 or VSS1.
11. This pad can be connected externally to the SCE/SCLH pad to reduce the number of pads routed in COG
applications. When not connected in this configuration, VOTPPROG must be connected to either VDD1 or VSS1 after
completion of OTP programming and after the seal bit has been set.
12. When the on-chip oscillator is used, the OSC input must be connected to VDD1. If an external clock signal is used,
then this is connected to the OSC input. If both the oscillator and external clock are inhibited by connecting pad OSC
to VSS1, the display is not clocked and may be in a DC state. To avoid this, the chip should always be put into
Power-down mode before stopping the clock.
13. Test pads T1 to T5 are not accessible to users: T1, T2 and T5 must be connected to VSS; T3 and T4 must be
open-circuit.
14. Positive power supply for the liquid crystal display (see also Figs 51, 52 and 53):
a) If the internal voltage generator is used, pads VLCDIN,VLCDSENSE and VLCDOUT must be connected together.
b) An external LCD supply voltage can be supplied using the VLCDIN pad, this requires that pad VLCDOUT is
open-circuit, pad VLCDSENSE is connected to the VLCDIN input, and the internal voltage generator is switched off.
In Power-down mode, the external LCD supply voltage must be switched off.
VLCDIN
256 to 262
LCD supply voltage input; note 14
VLCDOUT
263 to 271
generated LCD supply voltage; note 14
VLCDSENSE
272
voltage multiplier (VLCD) regulation input; note 14
RES
273
external reset input
SYMBOL
PAD(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com