Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 36Page - NXP Semiconductors PCF8813 Datasheet HTML 37Page - NXP Semiconductors PCF8813 Datasheet HTML 38Page - NXP Semiconductors PCF8813 Datasheet HTML 39Page - NXP Semiconductors PCF8813 Datasheet HTML 40Page - NXP Semiconductors PCF8813 Datasheet HTML 41Page - NXP Semiconductors PCF8813 Datasheet HTML 42Page - NXP Semiconductors PCF8813 Datasheet HTML 43Page - NXP Semiconductors PCF8813 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
2004 Mar 05
40
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
8. VLCD external voltage applied to VLCDIN and VLCDSENSE inputs; VLCDOUT disconnected; VPR and PC set to 0 (charge
pump off); display load current is not transmitted to IDD.
9. Load current = 10
µA; outputs tested one at a time.
16 AC CHARACTERISTICS
VDD1 = 1.7 to 3.3 V; VSS =0V; VLCD = 3.0 to 9.0 V; Tamb = −40 to +85 °C; all timings specified are based on
20% to 80% of VDD with an input voltage swing of VSS to VDD; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fext
external clock frequency
note 1
20
38
65
kHz
fframe
frame frequency
internal oscillator
note 2
56
66
76
Hz
note 3
62
69
76
Hz
tVHRL
VDD on to RES LOW time
see Fig.37
0(4)
−
1
µs
tRW
reset pulse width LOW time
see Fig.37
500
−−
ns
tR(oper)
end of reset pulse to interface
operational
see Fig.37
1000
−−
ns
6800-type parallel bus; VDD1 = 1.8 to 3.3 V; see Figs 38 and 39
tDCSU
data/command set-up time
0
−
25
ns
tDCHD
data/command hold time
0
−−
ns
TDS(cyc)
data strobe cycle time
1000
−−
ns
tDSL
data strobe LOW time
300
−−
ns
tDSH
data strobe HIGH time
300
−−
ns
tRWSU
read/write set-up time
0
−−
ns
tRWHD
read/write hold time
0
−−
ns
tESU
chip enable set-up time
0
−−
ns
tEHD
chip enable hold time
0
−−
ns
tDATSU
data set-up time
80
−−
ns
tDATHD
data hold time
30
−−
ns
tDATACC
output access time
−−
280
ns
tDATOH
output disable time
10
−
200
ns
8080-type parallel bus; VDD1 = 1.8 to 3.3 V; see Fig.40
tDCSU
data/command set-up time
0
−
25
ns
tDCHD
data/command hold time
0
−−
ns
TDS(cyc)
data strobe cycle time
1000
−−
ns
tDSLR
data strobe LOW time (read)
120
−−
ns
tDSLW
data strobe LOW time (write)
240
−−
ns
tDSHR
data strobe HIGH time (read)
120
−−
ns
tDSHW
data strobe HIGH time (write)
120
−−
ns
tDATSU
data set-up time
80
−−
ns
tDATHD
data hold time
30
−−
ns
tDATACC
output access time
−−
280
ns
tDATOH
output disable time
10
−
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com