Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8813 Datasheet HTML 1Page - NXP Semiconductors PCF8813 Datasheet HTML 2Page - NXP Semiconductors PCF8813 Datasheet HTML 3Page - NXP Semiconductors PCF8813 Datasheet HTML 4Page - NXP Semiconductors PCF8813 Datasheet HTML 5Page - NXP Semiconductors PCF8813 Datasheet HTML 6Page - NXP Semiconductors PCF8813 Datasheet HTML 7Page - NXP Semiconductors PCF8813 Datasheet HTML 8Page - NXP Semiconductors PCF8813 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2004 Mar 05
2
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
I/O buffer and interface
7.2
Oscillator
7.3
Address counter
7.4
Display data RAM
7.5
Timing generator
7.6
Display address counter
7.7
LCD row and column drivers
7.8
LCD waveforms and DDRAM to data mapping
7.9
DDRAM addressing
7.10
Data order
7.11
Mirror X
7.12
Mirror Y
7.13
Bottom row swap
7.14
Output row order
8
PARALLEL INTERFACES
8.1
6800-type parallel interface
8.2
8080-type parallel interface
9
SERIAL INTERFACES
9.1
Serial peripheral interface
9.1.1
Write mode
9.1.2
Read mode
9.2
Serial interface (3-line)
9.2.1
Write mode
9.2.2
Read mode
10
I2C-BUS INTERFACE (Hs-MODE)
10.1
Characteristics of the I2C-bus (Hs-mode)
10.1.1
System configuration
10.1.2
Bit transfer
10.1.3
Start and stop conditions
10.1.4
Acknowledge
10.2
I2C-bus Hs-mode protocol
10.3
Command decoder
11
INSTRUCTIONS
11.1
Initialization
11.2
Reset function
11.3
Power-down mode
11.4
Display Control
11.5
Set Y address of RAM
11.6
Set X address of RAM
11.7
Set maximum X address or Y address
11.8
Set display start line, initial start row and row 0
11.9
Set normal or partial display mode
11.10
Free programmable multiplex rate
11.11
Set HV generator stages
11.12
Bias system
12
TEMPERATURE COMPENSATION
13
LIMITING VALUES
14
HANDLING
15
DC CHARACTERISTICS
16
AC CHARACTERISTICS
17
MODULE MAKER PROGRAMMING
17.1
LCD voltage calibration
17.2
Manufacturer identity
17.3
Seal bit
17.4
One time programming
17.4.1
Architecture
17.4.2
Operations
17.5
Interface commands
17.5.1
Disable OTP command
17.5.2
Module maker calibration
17.5.3
Refresh
17.6
Filling the shift register
17.7
Programming flow
17.8
Programming specification
17.9
Programming examples
18
APPLICATION INFORMATION
18.1
Protection from light
18.2
Application examples
18.3
Chip-on-glass applications
19
DEVICE PROTECTION DIAGRAM
20
BONDING PAD INFORMATION
21
TRAY INFORMATION
22
DATA SHEET STATUS
23
DEFINITIONS
24
DISCLAIMERS
25
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com