Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 6Page - NXP Semiconductors PCF8813 Datasheet HTML 7Page - NXP Semiconductors PCF8813 Datasheet HTML 8Page - NXP Semiconductors PCF8813 Datasheet HTML 9Page - NXP Semiconductors PCF8813 Datasheet HTML 10Page - NXP Semiconductors PCF8813 Datasheet HTML 11Page - NXP Semiconductors PCF8813 Datasheet HTML 12Page - NXP Semiconductors PCF8813 Datasheet HTML 13Page - NXP Semiconductors PCF8813 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
2004 Mar 05
10
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
7.9
DDRAM addressing
handbook, full pagewidth
MGU622
0
10
8
0
101
X address
icon data
Y address
MSB
LSB
MSB
LSB
MSB
LSB
Fig.4 Sequence of writing data bytes into the RAM.
Data is downloaded in bytes into the RAM matrix of the
PCF8813 as indicated in Fig.4. The display data RAM has
a matrix of 68 by 102 bits. The columns are addressed by
the X address pointer whilst the rows are addressed in
groups of 8 by the Y address pointer. However, there are
only three rows in bank 8 and one row in bank 10. There is
no bank 9. Thus the address ranges are: X = 0 to
101 (1100101) and Y = 0 to 8 and then 10 (1010). The
PCF8813 is limited to 102 columns by 68 rows,
addressing the RAM outside this area is not allowed.
Two different addressing modes are possible; horizontal
addressing and vertical addressing.
In the horizontal addressing mode (V = 0) the X address
increments after each byte. After the last X address
(X = 101), x wraps-around to 0 and Y increments to
address the next row (see Fig.5) until bank 8 is filled. In the
vertical addressing mode (V = 1) the Y address
increments after each byte. After the Y address (Y = 8),
there is Y wraparound to 0 and X increments to address
the next column (see Fig.6). After the very last address
(X = 101 and Y = 8) the address pointers wraparound to
address X = 0 and Y = 0 in both addressing modes.
Addressing in bank 10 is a special case as these RAM
locations are not automatically accessed. Bank 10 is
reserved for icons. Icon locations must be addressed
explicitly by setting the Y address pointer to 10. The
Y address pointer does not auto-increment when the
X address overflows or underflows (it stays in set to
bank 9). Writing icon data is independent of the horizontal
or vertical addressing (V-bit) but is affected by the Mirror X
(MX) and Mirror Y (MY) bits. MX and MY are described in
Sections 7.11 and 7.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com