Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 33Page - NXP Semiconductors PCF8813 Datasheet HTML 34Page - NXP Semiconductors PCF8813 Datasheet HTML 35Page - NXP Semiconductors PCF8813 Datasheet HTML 36Page - NXP Semiconductors PCF8813 Datasheet HTML 37Page - NXP Semiconductors PCF8813 Datasheet HTML 38Page - NXP Semiconductors PCF8813 Datasheet HTML 39Page - NXP Semiconductors PCF8813 Datasheet HTML 40Page - NXP Semiconductors PCF8813 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
2004 Mar 05
37
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
The generated voltage at VLCD is dependent on the
temperature, programmed temperature coefficient (TC)
and the programmed voltage at the reference temperature
(TCUT):
TCUT and voltages a and b for each temperature
coefficient are quoted in Table 17. The maximum voltage
that can be generated is dependent on the voltage of VDD2
and the display load current.
As the programming range for the internally generated
VLCD allows values above the maximum allowed VLCD,
the user must ensure that while setting the VPR
register and selecting the temperature compensation,
under all conditions and including all tolerances the
VLCD maximum limit of 9.0 V will never be exceeded.
For a particular liquid crystal, the optimum VLCD can be
calculated for a given multiplex rate. For 1 : 68, the
optimum operating voltage of the liquid crystal can be
calculated as;
where Vth is the threshold voltage of the liquid crystal used.
V
LCD
aV
OP
b
×
+
[]
1TC
T
T
CUT
–
()
×
+
[]
×
=
V
LCD
168
+
21
1
68
----------
–


×
---------------------------------------
V
th
×
6.98
V
th
×
==
Table 17 Parameters of HV generator programming (typical values)
Nominal temperature = 27
°C; temperature coefficients calculated at nominal VLCD = 8.6 V.
SYMBOL
PARAMETER
TC0
TC1
TC2
TC3
UNIT
a
first level VLCD voltage
4.57
4.27
4.01
3.84
V
b
programmed voltage step
30.5
28.5
26.7
25.6
mV
TCUT
reference temperature
27
27
27
27
°C
TC
temperature coefficient
0.00
−0.25
−0.48
−0.64
mV/K
handbook, full pagewidth
MGT847
00
01
02
a
VLCD
VOP
03
04
05
06
. . .
. . . FD FE FF
b
Fig.35 VLCD as a function of VOP[7:0] programming.
If VPR[6:0] is set to zero, the charge pump is turned off.
Depending on VPR restrictions defined in Table 17 and depending on VCAL, not all VOP[7:0] values can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com