Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 27Page - NXP Semiconductors PCF8813 Datasheet HTML 28Page - NXP Semiconductors PCF8813 Datasheet HTML 29Page - NXP Semiconductors PCF8813 Datasheet HTML 30Page - NXP Semiconductors PCF8813 Datasheet HTML 31Page - NXP Semiconductors PCF8813 Datasheet HTML 32Page - NXP Semiconductors PCF8813 Datasheet HTML 33Page - NXP Semiconductors PCF8813 Datasheet HTML 34Page - NXP Semiconductors PCF8813 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
2004 Mar 05
31
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Table 7
Read status byte
BIT
FUNCTION
BUSY
0 = chip is able to accept new commands; 1 = chip is unable to accept new commands
DON
0 = display OFF; 1 = display ON
RES
0 = reset NOT in progress; 1 = reset in progress
MF[2:0]
manufacturer identification bits
DS[1:0]
device recognition; currently has a fixed value of 00 (recognition bits for a driver with 64 to 67 rows)
Table 8
Display control; bits D and E
Table 9
Set temperature coefficient; bits TC[1:0]
Table 10 Set voltage multiplication factor; bits S[1:0]
11.1
Initialization
Immediately following Power-on, all internal registers as
well as the RAM content are undefined. A RES pulse must
be applied to the reset input.
Reset is accomplished by applying an external reset pulse
(active LOW) at the pad RES. When reset occurs within
the specified time all internal registers are reset, however
the RAM is still undefined. The RES input must be
≤0.3VDD
when VDD reaches VDD(min) (or higher) within a maximum
time tVHRL after VDD going HIGH (see Fig.37).
A reset can also be made by sending a reset command.
This command can be used during normal operating but
not to initialize the chip after Power-on.
11.2
Reset function
After reset the LCD driver has the following state:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0)
• Normal instruction set (H = 0)
• Display blank (D andE=00)
• Address counter X[6:0] = 0000000 and Y[3:0] = 0000
• Temperature control mode TC[1:0] = 00
• VLCD is equal to 0 and PRS = 0
• Power control is enabled (PC = 1)
• Normal row driving of display (N/P=1)
• Partial mode set for all rows available
(M[7:0] = 11111111)
• HV generator programmed off (VPR[6:0] = 0000000)
• 2 × voltage multiplier (S[1:0] = 00)
• After power-on, RAM data is undefined, the reset signal
does not change the content of the RAM
• Data order DO = 0
• All LCD outputs at VSS (display off)
• Bias system (BS[2:0] = 000
• Display start line set to R0 (C[6:0] = 000000)
• RAM line address set to 0 (L[6:0] = 000000)
• Maximum X address = 101 (Xmax[6:0] = 1100101)
• Maximum Y address = 8 (Ymax[3:0] = 1000)
• Display is not mirrored (MX = 0; MY = 0 and BRS = 0).
11.3
Power-down mode
Power-down mode gives the following circuit status:
• VLCD discharges to VSS as Power-down mode occurs
• All LCD outputs go to VSS (display off)
• Bias generator and VLCD generator switch-off, VLCD can
be disconnected
• Oscillator switches off (external clock is possible)
• RAM contents are not cleared; RAM data can be written.
D
E
FUNCTION
0
0
display blank
1
0
normal mode
0
1
all display segments on
1
1
inverse video mode
TC1
TC0
FUNCTION
00
VLCD temperature coefficient 0
01
VLCD temperature coefficient 1
10
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3
S1
S0
FUNCTION
00
2
× voltage multiplier
01
3
× voltage multiplier
10
4
× voltage multiplier
11
5
× voltage multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com