Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 26Page - NXP Semiconductors PCF8813 Datasheet HTML 27Page - NXP Semiconductors PCF8813 Datasheet HTML 28Page - NXP Semiconductors PCF8813 Datasheet HTML 29Page - NXP Semiconductors PCF8813 Datasheet HTML 30Page - NXP Semiconductors PCF8813 Datasheet HTML 31Page - NXP Semiconductors PCF8813 Datasheet HTML 32Page - NXP Semiconductors PCF8813 Datasheet HTML 33Page - NXP Semiconductors PCF8813 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
2004 Mar 05
30
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Note
1.
δ = don’t care.
Table 6
Explanation of mnemonics used in Table 5
Disable OTP circuitry
0
0
0
001110
0
disable OTP
circuitry
Enter module maker
calibration mode
0
0
0
001111
0
module maker
calibration
Software reset
0
0
0
111000
1
enable software
reset
Set VPR
00
1
VPR6
VPR5
VPR4
VPR3
VPR2
VPR1
VPR0
write VPR to
register
BIT
0
1
RESET STATE
PD
chip active
chip is in Power-down mode
1
H
basic command set
extended command set
0
V
horizontal addressing
vertical addressing
0
PC
power control off
power control on
1
MX
normal X addressing
X address is mirrored
0
MY
display is not vertically mirrored
display is vertically mirrored
0
TRS
top rows are not mirrored
top rows are mirrored
0
BRS
bottom rows are not mirrored
bottom rows are mirrored
0
DO
LSB is on top
MSB is on top
1
PRS
VLCD programming range LOW
VLCD programming range HIGH
0
N/P
partial display driving mode
normal display driving mode
1
C[6:0]
sets the initial R0 of the display.; this command cannot access R67 (icon row)
0000000
L[6:0]
sets the line address of the display RAM to be displayed on the initial R0; this
command cannot access R67
0000000
Ymax[3:0]
sets maximum Y address for wraparound
1000
Xmax[6:0]
sets the maximum X address
1100101
D, E
display control; see Table 8
00
TC[1:0]
set temperature coefficient; see Table 9
00
S[1:0]
set voltage multiplication factor; see Table 10
00
BS[2:0]
bias system
000
VPR[6:0]
VLCD programming
0000000
M[7:0]
set partial display (full display = 11111111)
11111111
INSTRUCTION
D/CR/W
COMMAND BYTE
DESCRIPTION
DB7
(MSB)
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com