Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 25Page - NXP Semiconductors PCF8813 Datasheet HTML 26Page - NXP Semiconductors PCF8813 Datasheet HTML 27Page - NXP Semiconductors PCF8813 Datasheet HTML 28Page - NXP Semiconductors PCF8813 Datasheet HTML 29Page - NXP Semiconductors PCF8813 Datasheet HTML 30Page - NXP Semiconductors PCF8813 Datasheet HTML 31Page - NXP Semiconductors PCF8813 Datasheet HTML 32Page - NXP Semiconductors PCF8813 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
2004 Mar 05
29
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Set display data
length
0
0
0
111
δ(1)
δ(1)
δ(1)
δ(1)
double command
byte; set display
data length, only
used in 3-line SPI
0
0
0
D6D5D4D3D2D1
D0
Set Y address of
RAM
0
0
0
100
Y3
Y2
Y1
Y0
sets Y address of
RAM: 0
≤ Y ≤ 9
Set maximum
Y address
0
0
0
101
δ(1)
δ(1)
δ(1)
δ(1)
double command
byte: set maximum
Y: 0
≤ Y ≤ 8
0
0
0
000
Ymax3 Ymax2 Ymax1
Ymax0
Set maximum
X address
0
0
0
110
δ(1)
δ(1)
δ(1)
δ(1)
double command
byte: set maximum
X: 0
≤ Y ≤ 101
00
0
Xmax6 Xmax5 Xmax4 Xmax3 Xmax2 Xmax1
Xmax0
Set X address of
RAM
00
1
X6
X5
X4
X3
X2
X1
X0
sets X address of
RAM: 0
≤ X ≤ 101
H=1
Reserved
0
0
0
000000
1
Reserved
0
0
0
000001
X
Temperature
compensation
0
0
0
00001
TC1
TC0
set temperature
coefficient (TCx)
Set HVgen stages
0
0
0
00010
S1
S0
set multiplication
factor
Bias system
0
0
0
0010
BS2
BS1
BS0
set bias system
(BSx)
Reserved
0
0
0
1100
δ(1)
δ(1)
δ(1)
double command
byte: do not use
0
0
0
000
δ(1)
δ(1)
δ(1)
δ(1)
Normal or partial
display mode
0
0
0
1010
δ(1)
δ(1)
δ(1)
double command
byte: set normal or
partial display
mode
0
0
0
000000
N/P
Free programmable
MUX rate
0
0
0
1101
δ(1)
δ(1)
δ(1)
double command
byte: set mask
register for FPMR
mode (1 : 9, 17,
and 25 to 64)
00
M7
M6
M5
M4
M3
M2
M1
M0
Set initial row to be
displayed
0
0
0
1001
δ(1)
δ(1)
δ(1)
double command
byte: set start row
0
≤ X ≤ 66
00
0
C6
C5
C4
C3
C2
C1
C0
Set RAM line
address for initial row
0
0
0
1011
δ(1)
δ(1)
δ(1)
double command
byte; sets RAM
line address to be
displayed
0
≤ L ≤ 66
00
0
L6
L5
L4
L3
L2
L1
L0
INSTRUCTION
D/CR/W
COMMAND BYTE
DESCRIPTION
DB7
(MSB)
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com