Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 29Page - NXP Semiconductors PCF8813 Datasheet HTML 30Page - NXP Semiconductors PCF8813 Datasheet HTML 31Page - NXP Semiconductors PCF8813 Datasheet HTML 32Page - NXP Semiconductors PCF8813 Datasheet HTML 33Page - NXP Semiconductors PCF8813 Datasheet HTML 34Page - NXP Semiconductors PCF8813 Datasheet HTML 35Page - NXP Semiconductors PCF8813 Datasheet HTML 36Page - NXP Semiconductors PCF8813 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
2004 Mar 05
33
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
11.10 Free programmable multiplex rate
The free programmable multiplex rate concept allows the
user to limit the number of rows selected to groups of eight.
Any, or all of these groups of rows can be enabled or
disabled. The mask register command (M[7:0]) allows the
user to turn-on or turn-off blocks of eight rows.
Each mask value controls a block of eight rows, thus in
partial mode the maximum number of rows available is
64 plus the icon row. A logic 1 in the mask register enables
the rows available within that block of rows, and a logic 0
disables them.
The mask register causes the row counter to count eight
bits and then jump to the next enabled 8-bit group. For
example, if the mask register value is 00001101, then the
rows available will be 0 to 7, 16 to 23, 24 to 31 and 67.
Rows 8 to 15 and 32 to 63 have been skipped. This
information is also mapped to the RAM so that only the
contents of active rows are displayed.
Table 13 Range of free programmable multiplex rates
MASK REGISTER
ROWS AVAILABLE
M0
R0 to R7 + icon row
M1
R8 to R15 + icon row
M2
R16 to R23 + icon row
M3
R24 to R31 + icon row
M4
R32 to R39 + icon row
M5
R40 to R47 + icon row
M6
R48 to R55 + icon row
M7
R56 to R63 + icon row
Table 14 Examples of display normal driving mode and partial display driving mode
MASK REGISTER
MASK VALUE
ROW SEQUENCE
NORMAL DISPLAY
N/P=1 (the mask value is don’t care when N/P = 1 because all rows are enabled)
M0
1
0 to 7
battery status: XXX
M1
0
8 to 15
address book
M2
0
16 to 23
connection time
M3
1
24 to 31
network: YYY
M4
0
32 to 39
reception strength
M5
0
40 to 47
2 June; 15:25
M6
0
48 to 55
M7
1
56 to 63
keyboard locked
not available in mask register
64 to 66
not available in mask register
67 (icon row)
N/P=0
M0
1
0 to 7
battery status: XXX
M1
0
8 to 15
M2
0
16 to 23
M3
1
24 to 31
network: YYY
M4
0
32 to 39
M5
0
40 to 47
M6
0
48 to 55
M7
1
56 to 63
keyboard locked
not available in mask register
67 (icon row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com