Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 49Page - NXP Semiconductors PCF8813 Datasheet HTML 50Page - NXP Semiconductors PCF8813 Datasheet HTML 51Page - NXP Semiconductors PCF8813 Datasheet HTML 52Page - NXP Semiconductors PCF8813 Datasheet HTML 53Page - NXP Semiconductors PCF8813 Datasheet HTML 54Page - NXP Semiconductors PCF8813 Datasheet HTML 55Page - NXP Semiconductors PCF8813 Datasheet HTML 56Page - NXP Semiconductors PCF8813 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
2004 Mar 05
53
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Table 22 Example sequence of shift register filling
Notes
1. X = don’t care.
2. PD does not have to be set to 1 if the effects of VCAL are intended to be observed on VLCDOUT.
3. Bit data is not in the correct shift register position until all bits have been sent.
STEP
D/CR/W
D7
D6
D5
D4
D3
D2
D1
D0
ACTION
1
reset
reset to enable OTP circuitry
1
0000100000
exit Power-down (PD = 0)
3
000001001
PC
switch HVgen on/off to force refresh of
shift register
wait 5 ms for refresh to take effect
4
0000100101
set PD to 1(2) and H to 1
5
0000011110
enter MM mode
6
0010
XXXXX
1
shift-in data; VCAL[4] is first bit(3)
7
0010
XXXXX
1
VCAL[3]
8
0010
XXXXX
1
VCAL[2]
9
0010
XXXXX
0
VCAL[1]
10
0010
XXXXX
0
VCAL[0]
11
0010
XXXXX
1
MF[2]
12
0010
XXXXX
0
MF[1]
13
0010
XXXXX
0
MF[0]
14
0010
XXXXX
0
seal bit; remain in MM mode
handbook, full pagewidth
MSB
LSB
shifting
direction
0
MGU645
MMMF[2:0]
SEAL
BIT = 0
0
1
MSB
LSB
0
MMVOPCAL[4:0]
OTP SHIFT REGISTER
0
1
1
1
Fig.49 Shift register contents after example sequence of Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com