Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8813 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 23Page - NXP Semiconductors PCF8813 Datasheet HTML 24Page - NXP Semiconductors PCF8813 Datasheet HTML 25Page - NXP Semiconductors PCF8813 Datasheet HTML 26Page - NXP Semiconductors PCF8813 Datasheet HTML 27Page - NXP Semiconductors PCF8813 Datasheet HTML 28Page - NXP Semiconductors PCF8813 Datasheet HTML 29Page - NXP Semiconductors PCF8813 Datasheet HTML 30Page - NXP Semiconductors PCF8813 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
2004 Mar 05
27
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
handbook, full pagewidth
MGU634
Sr 01111
S
A
0
S
A
1
0A
acknowledge
from PCF8813
acknowledge
from PCF8813
acknowledge
from PCF8813
acknowledge
from PCF8813
acknowledge
from PCF8813
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
CO
CO
0A
A P
control byte
D/C
D/C
R/W
Fig.31 Master transmits in Hs-mode to slave receiver; write mode.
handbook, full pagewidth
MGU635
Sr 01111
S
A
0
S
A
1
1A
acknowledgement
from PCF8813
NOT acknowledgement
from Master
status information
A
slave address
STOP condition
P
R/W
Fig.32 Master receives from slave transmitter (status register is read); read mode.
10.3
Command decoder
The command decoder identifies command words that
arrive on the I2C-bus.
• Pairs of bytes
–
first byte determines whether information is display
or instruction data
– second byte contains information.
• Stream of information bytes after CO = 0; display or
instruction data depending on last D/C-bit.
The most significant bit of a control byte is the continuation
bit CO. If this bit is logic 1, it indicates that only one data
byte, either command or RAM data, will follow. If the bit is
logic 0, it indicates that a series of data bytes, either
command or RAM data, may follow. The DB6 bit of a
control byte is the RAM data/command bit D/C. When this
bit is logic 1, it indicates that a RAM data byte will be
transferred next. If the bit is at logic 0, it indicates that a
command byte will be transferred next.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com