Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
- 8 -
7), the last transmission is lowest (LSB, bit 0). Also must be followed by an acknowledge bit after
each byte (ACK). C transmission data shown in Figure 8.
Figure 8: Data Transfer I2 C bus
◎I C-bus response
In the I C bus data transfer process, one byte per transmission, must acknowledge with a status
bit. Receiving reception data to inform the transmitter can acknowledge bit. Acknowledge bit hosts
still generated clock pulse, and acknowledge the state of the bit data follow the principle of "Who
receives who produce", that always generates acknowledge bit by the receiver, the receiver clock
pulse response during the SDA line must be low, making it a high level during this clock pulse is
stable low (see Figure 9), of course, setup and hold times must be considered (for details please refer
to table 6). When sending data from the host to the machine, generating an acknowledge bit from the
slave; master data received from the slave, the master generates an acknowledge bit.
I C bus standards: Acknowledge bit 0 indicates the receiver acknowledge (ACK), often
abbreviated as A; it is a representation of non-response (NACK), often abbreviated as NA. The
transmitter then sends LSB, should release the SDA line (pull SDA), in order to wait for the receiver
generates an acknowledge bit.
If the receiver is receiving at the time of completion of the last byte of data, or can’t receive
more data should be generated to notify the non-response signal transmitter. If you find a receiver
transmitter generates a non-responder status, you should send a termination.
Figure 9: C bus Response
◎Slave Address
I C bus does not additional address decoder and chip select signals. Multiple with I C bus
2
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com