Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 29Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
- 27 -
On the sensor
initialization
Reading device
sends a start signal
Release the bus waiting for the sensor
response signal
Continuous reading
device to read 40 data
Data validation
Fixed acquisition time to?
Update temperature
and humidity values
No response signal
There are a
response signal
Parity error
Correct parity
Wait (fixed
acquisition cycle)
Yes
No
Figure 24: Single-bus read flowchart
9. Application Information
1.Work and storage conditions
The proposed scope of work may result in up to 3% RH temporary drift of the signal. Return
to normal working conditions, the sensor calibration status will slowly recover. To speed up the
recovery process can be found in "recovery process." The use of the product will accelerate the aging
process for a long time under abnormal operating conditions.
Avoid placing components on a long-term condensation and dry conditions and the following
environment.
A, salt spray
B, the acid or oxidizing gases such as sulfur dioxide, hydrochloric acid
Recommended Storage Environment
Temperature: 10 ~ 40 ℃ Humidity: 60% RH or less
2.Effects of exposure to chemical substances
Capacitive humidity sensor sensing layer will be disturbed chemical vapors, chemical diffusion
layer in the sensor may cause drift and measurement sensitivity. In a clean environment, slowly
release contaminants out. The recovery process described below to accelerate the process. High
concentrations of chemical pollution can cause damage to the sensor sensing layer completely.
3.Temperature Effect
Relative humidity of the gas, is largely dependent on temperature. Therefore, when measuring
the humidity should be possible to ensure that the humidity sensor works at the same temperature. If
you share a printed circuit board with electronic components heat released in the sensor should be
installed as far as possible away from the electronic components, and installed at the bottom of the
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com