Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
- 2 -
Figure 1 : AM2321 every inch form factor
External Interface: 1: VDD 2: SDA 3: GND 4: SCL
5. Sensor performance
5.1
Relative Humidity
Table 1: AM2321 relative humidity performance table
parameter
condition
min
typ
max
unit
resolution
0.1
%RH
Range
0
99.9
%RH
Accuracy
25℃
±3
%RH
Repeatability
±0.1
%RH
Interchangeability
Completely interchangeable
Response time
1/e(63%)
<5
S
Sluggish
±0.3
%RH
Drift
Typical values
<0.5
%RH/yr
Figure 2: 25 ℃ relative humidity of maximum error AM2321
5.2 Temperature
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com