Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
- 20 -
number + save data + CRC
From the machine frame format: function code (0x03) + start address + number + CRC
register
AM2321 sensors register list:
Register
information
Add
ress
Register
information
Addr
ess
Register
information
Addr
ess
Register
information
Addr
ess
High humidity
0x0
0
Model High
0x08
Users register a
high
0x10
Retention
0x18
Low humidity
0x0
1
Model Low
0x09
Users register a
low
0x11
Retention
0x19
High
temperatur
e
0x0
2
The version number
0x0A
Users register 2
high
0x12
Retention
0x1A
Low
temperatur
e
0x0
3
Device ID (24-31) Bit
0x0B
Users register 2
low
0x13
Retention
0x1B
Retention
0x0
4
Device ID (16-23) Bit
0x0C Retention
0x14
Retention
0x1C
Retention
0x0
5
Device ID (8-15) Bit
0x0D
Retention
0x15
Retention
0x1D
Retention
0x0
6
Device ID (0-7) Bit
0x0E Retention
0x16
Retention
0x1E
Retention
0x0
Status Register
0x0F
Retention
0x17
Retention
0x1F
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com