Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
- 7 -
Slave
The device addressed by the host
Multi-master
At the same time there is more than one host attempts to control the bus, but do
not destroy the message
Arbitration
There is a multiple hosts at the same time try to control the bus, but only allows
it a control bus and make the message is not destroyed in the process
Synchronous
Two or more devices in the process of synchronizing the clock signal
◎Data validity
Data line SDA data must remain stable during the high period of the clock. High or low state
of the data line SDA is only in the low period of SCL clock line only allowed to change. But at the
start and end I C bus exceptions (for details see the start and stop conditions). Some other serial bus
data as may be required valid edge (rising or falling) of the clock signal, but I C bus is valid level.
The specific timing diagram shown in Figure 6.
Figure 6: Bit Transfer
C bus
◎Start and stop conditions
Start condition: Period when SCL is high, SDA high to low Start condition generating
transition from. Bus after the start condition is generated in a busy state. The
initial condition is often abbreviated as S.
Stop condition: Period when SCL is high, SDA generates a stop condition low to high
transition from. Bus stop condition is generated in an idle state. The stop
condition abbreviated as P.
Start and stop conditions diagram shown in Figure 7.
Figure 7: Schematic start and stop conditions
◎Byte transfer format
I C bus to send and receive data in bytes. Each byte is transmitted to the SDA line must be 8.
The number of bytes per transfer is unrestricted. First, is the highest transmission bit data (MSB bit
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com