Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 29Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
- 28 -
heat source, while maintaining a well-ventilated enclosure. To reduce the thermal conductivity sensor
and a copper plating layer of the printed circuit board should be as minimal other portions, and
leaving a gap between them.
4.Light effects
Prolonged exposure to sunlight or strong ultraviolet radiation, will reduce performance.
5.Recovery process
Placed under extreme operating conditions or chemical vapor sensors, through the following
process, you can return it to the state calibration. 2 hours at 45℃ and < 10% RH humidity
conditions(Hong Gan); then at 20-30 ℃ and> 70% RH humidity under conditions remain more
than 5 hours.
6.Wiring Precautions
Affects the communication quality of the signal wire distance and communication quality, we
recommend using a high quality shielded cable.
7.Soldering Information
Manual welding, at a temperature of 300 ℃ maximum contact time must be less than 10
seconds.
8.Product upgrades
For details, please consult our technical department.
10. License Agreement
Without the prior written permission of the copyright holder, shall not in any form or by any
means, whether electronic or mechanical (including photocopying), for any part of this manual may
be reproduced, nor may its contents be communicated to a third party. The contents are subject to
change without notice.
Aosong Electronics Co., Ltd. and the third party has a proprietary software, the user may use
only the signing of a contract or license the software.
11. Warnings and personal injury
Do not use this product as safety or emergency stop devices, as well as due to the failure of the
product could result in personal injuries to any of the other applications. The product shall not apply
unless there is a particular purpose or use authorization. Before installation, handling, use or
maintenance of the product to the reference product data sheets and application notes. Failure to
comply with this recommendation, that may result in death or serious injury, the resulting company
will not be liable for all damages in personal injury and death, and thus exempt from corporate
managers and employees and affiliated agents, distributors providers and any other claims that may
arise, including: a variety of costs, compensation costs, legal fees and so on.
12. Quality assurance
The company provides a period of 12 months (one year) quality assurance (calculated from
the date of shipment from) their direct purchasers of the product. Data sheet of the company
published the technical specifications of the product shall prevail. If the warranty period, the product
is proved to be defective quality, the company will provide free repair or replacement. Users must
satisfy the following conditions:
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com