Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
- 24 -
[1] For details, see 7.3
◎Single bus data sample calculation
Example 1: 40 of the received data:
0000 0010
1001 0010
0000 0001
0000 1101
1010 001
High humidity
8
Low humidity 8 High temperature 8
Low temperature8 Parity bit
Calculated as follows:
0000 0010+1001 0010 +0000 0001+0000 1101= 1010 0010 (Parity bit)
Receive data is correct:
Humidity:0000 0010
1001 0010 = 0292H (hex) = 2×256 + 9× 6 + 2 = 658 => Humidity =
65.8% RH
Temperature:0000 0001 0000 1101 = 10DH (hex) = 1×256 + 0×16 + 13 = 269
=> Temperature = 26.9 ℃
◎Special Instructions:
When the temperature is below 0 ℃ temperature data for a top position.
Example One: -10.1 ℃ expressed as 1,000,000,001,100,101
Temperature: 0000 0000 0110 0101 = 0065H (hex) = 6×16 +5 = 101
=> Temperature = -10.1 ℃
Example Two: The received data 40:
0000 0010
1001 0010
0000 0001
0000 1101
1011 0010
High humidity 8
Low humidity 8
High temperature 8
Low temperature8
Parity bit
Calculated as follows:
0000 0010+1001 0010 +0000 0001+0000 1101=1010 0010≠1011 0010 (Parity error)
The received data is not correct, give up, again receiving data.
8.3.3 Single-bus communication timing
Hosts (MCU) sends a start signal (data bus SDA low for at least 800μs) After, AM2321
transition from sleep mode to high-speed mode. After completion, the master start signal, AM2321
Name
Single bus format definition
Start signal
The microprocessor data bus (SDA) low period (at least 800μs)
, to prepare the data
notification sensor
Response signal
Sensor data bus (SDA) low 80μs, 80μs followed by a high signal in response to the initial host
Data Format
Upon receipt of the host start signal from the data bus disposable sensor (SDA) string of 40-bit
data, the high first-out
Humidity
Humidity resolution is 16Bit, the previous high; strings out of the humidity sensor is 10 times the
actual humidity values.
Temperature
Temperature resolution is 16Bit, the previous high; sensor string temperature value is 10 times the
actual temperature value;
Temperature highest bit (Bit15) is equal to 1 indicates a negative temperature, the temperature
highest bit (Bit15) is equal to 0 indicates a positive temperature;
In addition to the temperature of the highest bit (Bit14 ~ Bit0) indicates the temperature value.
Parity bit
Parity bit = humidity high temperature + humidity + high + low temperature low
]
1
[
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com