Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
- 18 -
Figure 16: sending a read command example temperature and humidity
Steps three : To return the data read or confirmation signal
Send read / write command, the host is required to wait at least 1.5ms, and then sends a read
timing, reads return data example shown in Figure 17; must be noted that, when you read the data,
issued after the completion of I
C address, wait at least 30μs and then sent over the next serial clock,
reading data, or communication error occurs.
Figure 17: Read the sample temperature and humidity values
Host read back the data as follows:
0x03(Function Code)+0x04(data length)+0x03(high humidity)+0x39(low
humidity) +
0x01 (high temperature) +0x15(low temperature)+0xE1(CRC checksum low
byte) + 0xFE
(CRC checksum high byte);
Therefore: 0339H = 3×256 +3×16 +9 = 825 => humidity = 825÷10 = 82.5%
RH;
0115H = 1×256 +1×16 +5 = 277 => temperature = 277÷10 = 27.7 ℃
These three steps can be completed by the sensor reads all registers, a write operation (the user
can write registers, only five, namely the status register, register four users, while the status register
can only be written separately, otherwise it will error) ; the user in the design, follow these three
steps must be fully read and write.
After sending the sensor data, trigger a temperature and humidity measurements; After the
measurement is completed, the recording temperature and humidity values, then completed a
communication, the sensor automatically goes to sleep; therefore, as long unread sensors
continuously read the second sensor, in the second reading of the temperature and humidity back to
the latest value (minimum interval of continuous reading 2S).
8.2.5 Peripheral read flowchart
AM2321 read I
2 C sensor schematic flow diagram shown in Figure 18, we also provide sample
code reads C51, need to download the client, please visit our website (www.aosong.com) associated
download, this manual does not provide code instructions.
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com