Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
- 5 -
standard protocols addressing, can be directly linked to the I C bus (the bus is only allowed to hang
a product), without additional wiring, operation simple. Read AM2321 sensors, strictly in accordance
with the agreement of the two communication methods and timing proceed. Specific details see
single communication protocol and I C bus communication protocol detailed.
8.1 I C standard communication protocol introduced
8.1.1 I
2 C introduction to C-bus
Another form of AM2321 processor and micro controller interface is I C serial bus, in this
brief introduction about the I C bus protocol standards. Due to space limitations, can’t list all the
contents of the agreement deeper questions, please consult the relevant information (refer to the
Philips website access).
8.1.2 I C Bus Overview
Philips (Philips) at 20 years ago invented a simple two-wire bidirectional serial communication
bus, the bus is called the Inter-I C bus. Currently I C bus has become the industry standard
solution for embedded application, is widely used in a variety of professional-based micro controller,
consumer and telecommunications products, as a control, diagnostics and power management bus.
Multiple matches I C bus standard devices can communicate via the same I C bus, without the
need to address decoder.
I
C bus require only the two signal lines, a serial data line SDA, the other is a serial clock
line SCL. I C bus devices generally have their SDA and SCL pins are open-drain (or open collector)
output structure. Therefore, actual use, SDA Figure 4: AM2321 wiring diagram and SCL signal lines
must add pull-up resistors (Rp, Pull-Up Resistor). Value pull-up resistor is generally 3 ~ 10 kΩ.
Therefore, when the bus is idle, the two signal lines remain high, almost no current consumption;
electrical compatibility, and supports a variety of different voltage logic device interfaces; may be
directly connected between the two buses, not require additional conversion circuitry to support a
variety of communication more from a major is the most common means of communication. It also
supports dual-host communication, multi
host communication and broadcast mode, etc.
I C typical configuration shown in Figure 5.
2
2
2
2
2
2
2
2
2
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com