Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 29Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
- 26 -
low as 80 microseconds response signal, followed by 80 microsecond high output peripheral is ready
to receive data notification signal transmitter 22 shown in fig.
Figure 22: Single-bus timing diagram decomposition
Step Three:
AM2321 After sending the response, followed by a continuous serial data bus SDA data output
40, the microprocessor 40 receives the data according to I / O level changes.
Bit data "0" in the form: low high 50 microseconds plus 26-28 microseconds;
Bit data "1" format: LOW HIGH plus 70 microseconds 50 microseconds;
Bit data "0", the bit data "1" signal format shown in Figure 23.
Figure 23: Single-bus timing diagram decomposition
Data bus SDA AM2321 output 40-bit of data , the continued output low 50 microseconds after
the entry into the state, due to the pull-up resistor attendant goes high. Meanwhile AM2321 retest
internal temperature and humidity data, and record data, test recording ends, the micro controller
automatically goes to sleep. Only after receipt of the start signal micro controller host, only to
re-awaken the sensor, enter the working state.
8.3.5 Peripheral read flowchart
AM2321 sensor reads a single bus flowchart diagram shown in Figure 24, we also provide
sample code reads C51, need to download the client, please visit our website (www.aosong.com)
associated download, this manual does not provide code description.
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com