Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
- 12 -
command line with the sensor address, the sensor was to receive, and read the information in
accordance with the function codes and requirements; then the results (data) is sent back to the host.
The information returned includes the function code, and after execution of the data CRC code (the
user may read the CRC, can be sent directly to a stop condition).
◎Communication slave address
AM2321 sensors each address are the same, and is 0xB8. So on the same bus can only hang the
AM2321 sensors, sensor signal only after receiving the start and with itself will respond to the same
address.
◎Communication I C function code
Function code is the first byte of each communication message frame transmission. I C _Mod
Bus communication rules, define the function code is 1-127. As host requests sent by function code
tells the slave what action should be performed. As a slave response, the slave returns the function
code sent from the host to the function code, as it indicates that the response from the host machine
and have been related operations. I C _Mod Bus part of the function codes are listed in Table 7.
Table 7:C Mod Bus part of the function code
Function Code
Definitions
Operation (binary)
0x03
Reading Register Data
Read one or more data registers
0x10
Write Multiple Registers
Multiple sets of binary data to write multiple registers
◎C communication data area
The data area includes required by the sensor returns what information or what action to
perform. This information may be data (such as: temperature, humidity, the sensor device
information, the user writes data, etc.), the reference address. For example, function code 03 tells the
host through the register value returned by the sensor (including the start address of the register to be
read and the read length register), the returned data comprises data length and the content of the
register data register.
Sensor uses a custom I
C-Mod bus communication protocol used by the master
communication command (function code 03), which could be read its data register, the data register
table in Table 8. Sensor data register stores the temperature and humidity values and the
corresponding sensor device information and other related signals; each data register is a single byte
(8 bits) of binary data; once read data up to 10 sensor registers more than read length, the sensor will
return the corresponding error code. The error code information, see Schedule 1.
Table 8: AM2321 Data Register Table
Register
information
Address
Register information
Address
Register information
Address
Register
information
Address
High humidity
0x00
Model High
0x08
Users register a high
0x10
Retention
0x18
Low humidity
0x01
Model Low
0x09
Users register a low
0x11
Retention
0x19
High temperature
0x02
The version number
0x0A
Users register 2 high
0x12
Retention
0x1A
Low temperature
0x03
Device ID (24-31) Bit
0x0B
Users register 2 low
0x13
Retention
0x1B
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com