Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
- 21 -
7
Status Register Definition: Bit7-Bit0 bit reserved;
Temperature Format: Temperature highest bit (Bit15) is equal to 1 indicates a negative temperature, the
temperature highest bit (Bit15) is equal to 0 indicates a positive temperature; temperature in
addition to the most significant bit (Bit14 ~ Bit0) indicates the temperature sensor string value.
Temperature sensor value is a string of 10 times the actual humidity value;
Write Sensor: For users to write register (0x0F ~ 0x13); prohibit write other registers and status registers can
only be written separately.
Reader sample:
Function
Functi
on
Code
Start
addres
s
Frame data content
Read the
temperature and
humidity
0x03
0x00
Send:(SLA+W)+0x03+0x00+0x04
Return:0x03 +0 x04 + humidity + high + low temperature and
humidity high temperature low + CRC
Read the
temperature
0x03
0x02
Send:(SLA+W)+0x03+0x02+0x02
Return:0x03+0x02+High temperature + low temperature+ CRC
Read humidity
0x03
0x00
Send:(SLA+W)+0x03+0x00+0x02
Return:0x03+0x02+High humidity+ Low humidity + CRC
Reading Device
Information
0x03
0x08
Send:(SLA+W)+0x03+0x08+0x07
Return:0x03+0x07+Model (16) + version number (8) + ID
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com