Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
- 1 -
1. Product overview
Temperature and humidity combined sensor
AM2321 digital temperature and humidity sensor is
a digital signal output has been calibrated. Using
special
temperature
and
humidity
acquisition
technology, ensure that the product has a very high
reliability and excellent long-term stability. Sensor
consists of a capacitive moisture element and an
integrated high-precision temperature measurement
devices, and connected with a high-performance
microprocessor . The product has excellent quality,
super fast response, strong anti-interference ability,
very high property price rate.
AM2321 communication using a single bus, two communication modes standard I
2 C. Standard
single-bus interface, the system integration becomes easy and quick. Ultra-small size, low power
consumption, signal transmission distance up to 20 meters, making all kinds of applications and even
the most demanding applications the best choice. I
2 C communication using standard communication
sequence, the user can directly linked to the I
2 C communication bus without additional wiring,
simple to use. Two communication modes are used as humidity, temperature, and other digital
information directly CRC checksum temperature-compensated output, users do not need to calculate
the secondary digital output, and no need for temperature compensation of the humidity, temperature
and humidity can be accurately information. Two communication modes are free to switch, the user
can freely choose, easy to use, wide range of applications. 4 lead product, easy connection, special
packages according to user needs and provide.
2. Applications
HVAC, dehumidifiers, testing and inspection equipment, consumer goods, automotive,
automation, data loggers, gas stations, home appliances, humidity control, medical, and other
relevant humidity measurement and control.
3. Product Highlights
Completely interchangeable, low-cost, long-term stability, relative humidity and temperature
measurement, long distance signal transmission, the digital signal output, precise calibration, low
power consumption, standard single-bus digital interface standard I
2 C bus digital interface,
communication free choice.
4. Dimensions (Unit: mm)
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com