Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
- 3 -
Table 2: AM2321 relative temperature performance table
parameter
condition
min
typ
max
unit
resolution
0.1
℃
16
bit
Accuracy
±0.5
℃
Range
-40
80
℃
Repeatability
±0.2
℃
Interchangeability
Response time
1/e(63%)
<5
S
Drift
±0.1
℃/yr
Figure 3: The maximum error of the temperature sensor
6. Electrical Characteristics
Electrical characteristics, such as high energy consumption, low level, input and output voltage,
etc., depending on the power supply. Table 3 details the AM2321 electrical characteristics, if not
marked, it means that the power supply voltage of 5V. If you want to get the best results with the
sensor, please designed in strict accordance with please and conditions in Table 3 and Figure 27 and
Figure 14 Design.
Table 3: AM2321 DC Characteristics
1. This accuracy is tested at the factory, and the
sensor at 25 ℃
precision index 5V, under the
conditions tested, it does not include hysteresis and
non-linear, and only suitable for non-condensing
environment.
2. At 25℃ and 1m / s air flow conditions, to a first
order effect 63% of the time to be needed.
3. values in the volatile organic compounds may be
higher. See the manual application store information.
4. This value is VDD = 5.0V at a temperature of 25℃,
2S / Times, the average conditions.
5. Low-level output current.
7. show the resistor.
parameter
condition
min
typ
max
unit
Supply Voltage
2.6
5
5.5
v
Power Consumption
4
Dormancy
8
10
µA
Measure
500
µA
Average
200
µA
Low-level output voltage
0
250
MV
High-level output voltage
R p<25 kΩ
90%
100%
VDD
Low-level input voltage
Decline
0
30%
VDD
High-level input voltage
Rise
70%
100%
VDD
R p u
VDD = 5V VIN = VSS
30
45
60
kΩ
Output Current
Open
8
MA
Tri-State (Off)
10
20
µA
Sampling period
2.0
s
CC
I
5
6
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com