Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
- 11 -
Figure 1 13 3: AM2321 typical application circuit I2C bus and timing diagram
Table 6 : AM2321 sensor C interface characteristics
Symbol
Parameters
Standard C mode
Unit
min
Max
SCL clock frequency
100
kHz
T w (SCLL)
SCL Clock low time
4.7
μs
T w (SCLH)
SCL Clock high time
4.0
T s u (SDA)
SDA Settling time
250
ns
T h (SDA)
SDA Data hold time
0
[1]
T r (SDA)
T r (SCL)
SDA and SCL Rise time
1000
T f (SDA)
T f (SCL)
SDA and SCL Fall Time
300
T h (STA)
Start condition hold time
4.0
μs
T s u (STA)
Repeated Start condition setup time
4.7
T s u (STO)
Stop condition setup time
4.0
μs
T w (STO:STA)
Stop to Start condition time (bus idle)
4.7
μs
C b
Capacitive load for each bus
400
P F
8.2.3 Communication protocol
I C protocol AM2321 sensor is based on the standard I C bus protocol, the reference to the
Mod Bus protocol, according to AM2321 sensor itself features a combination of I C Mod Bus
agreement. Specific format is as follows:
◎Communication data (information frame) format
◎Communication and information transfer process
When a command is sent by the sending communication device (host) to the sensor, the
2
2
2
I
C
data+W/R
Function Code
Data Area
CRC
1byte
1 byte
N-byte
16-bit CRC (cyclic redundancy code)
2
Data formats:
Data length:
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com