Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
- 15 -
Host message format sent:
Sensor response message format returned:
◎CRC checksum
Host or sensors available checksum discriminate receiving information is correct. As electronic
noise or some other interference during the transmission of information is sometimes an error occurs,
the error check code (CRC) can test the host or sensor information in the communication data
transfer process is wrong, wrong data can give (either sending or receiving), thus increasing the
safety and efficiency of the system.
CRC I C-Mod Bus communication protocol (cyclic redundancy code) contains two bytes, or
16-bit binary number. CRC code by the sending device (host) calculations, send the information
placed in the rear frame, I C address is not included in the CRC calculation. Whether sending or
receiving CRC are by the low byte first, high byte format for transmission in the post. Receiving
information on the device (sensor) to recalculate the information received CRC, the CRC is
calculated by comparing the received query, and if they do not match, then the error. Users need
special attention, reading sensor command without adding the CRC; writing sensors must be added
the CRC; and all the return data are CRC.
◎CRC code calculation method
1. Preset a 16-bit register hexadecimal FFFF (including 1); said this register for the CRC
register;
2. The low (first byte frames both communications and information) first 8-bit binary data
with 16-bit CRC register eight or different, the results put in CRC register;
3. The contents of the CRC register right one (towards low) with zeros to fill the highest
position, and check out bit right after;
4. If the bit is 0 out: Repeat steps (the right one again) 3; If the bit is shifted 1: CRC register
with the polynomial A001 (1010 0000 0000 0001) XOR;
5. Repeat steps 3 and 4 until the right eight times, so that the entire eight were processed all
the data;
6. Repeat steps 2 through 5, the communication of information to the next frame byte
2
2
Starting address
1
0x10
Start address of the register to be written
Save word length
1
0x02
Save the data word length (2 words)
Save Data1
1
0x01
Save the data (address: 10)
Save Data2
1
0x02
Save the data (address: 11)
CRC code
2
C092
Host calculated CRC code, low byte first(C
addresses are not included in the CRC calculation)
Slave response
Byte count
Transmitting information
Remarks
Function Code
1
0x10
Write Multiple Registers
Starting address
1
0x10
Starting address saved
Save the data length
1
0x10
Save the data length sensor
CRC code
2
0x10
Sensors calculate the return CRC code, low byte first
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com