Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2321 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
- 23 -
situation.
2. 3.3V voltage supply is recommended when the cable length is not greater than 1m.
Otherwise, line drop may cause the sensor communication error.
3. The minimum interval of the read sensor 2S; reading interval is less than 2S, temperature
and humidity might result in denial or communication is unsuccessful and so on.
4. Temperature and humidity values are read out every last measurement result, want to get
real-time data, the need to continuously read twice, repeatedly suggested reading sensor, and each
sensor reading interval greater than 2 seconds to obtain accurate data.
Figure 19: AM2320 single bus typical circuit
8.3.2 Single bus communication protocol
◎ Single Bus Description
AM2321 device uses a simplified single-bus communication. Single bus that only one data line,
the data exchange system, the control by the data line is completed. Device (microprocessor) through
an open-drain or tree-state port is connected to the data line to allow the device when not
transmitting data to release the bus, and let other devices use the bus; single bus usually requires an
external 5.1kΩof approximately pull-up resistors, so that when the bus is idle, the state is high.
Because they are master-slave structure, only when the host calls the sensor, the sensor will be
answered, so the host access to the sensor must strictly follow the sequence of a single bus, if there is
a sequence of confusion, the sensor will not respond to the host.
◎Single bus transfer data definitions
SDA and AM2321 microprocessors for communication and synchronization between using single
bus data format, a 40-bit data transfer, high first-out. , The communication format specific
communication sequence shown in Figure 20 are shown in Table 9.
Figure 20: AM2321 single bus communication protocol
Table 9: AM2321 communication format
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com