Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices ADF5902 Datasheet HTML 34Page - Analog Devices ADF5902 Datasheet HTML 35Page - Analog Devices ADF5902 Datasheet HTML 36Page - Analog Devices ADF5902 Datasheet HTML 37Page - Analog Devices ADF5902 Datasheet HTML 38Page - Analog Devices ADF5902 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 35 of 39
Frequency Deviation
The frequency deviation for each frequency hop is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
(7)
where:
fPFD is the PFD frequency.
DEV is a 16-bit word (Bits[DB20:DB5] in Register R14).
DEV_OFFSET is a 4-bit word (Bits[DB24:DB21] in Register R14).
Time per step
The time between each frequency hop is set by
Timer = CLK1 × CLK2 × (1/fPFD)
(8)
where:
CLK1 and CLK2 are the 12-bit clock values (12-bit CLK1 divider in
Register R7 and 12-bit CLK2 divider in Register R13).
Bits[DB20:DB19] in Register R13 must be set to 11 for ramp
divider.
fPFD is the PFD frequency.
Either CLK1 or CLK2 must be greater than 1, that is, CLK1 =
CLK2 = 1 is not allowed.
Number of Steps
A 20-bit step value (Bits[DB24:DB5] in Register R15) defines
the number of frequency hops that take place. The INT value
cannot be incremented by more than 28 = 256 from its starting
value.
RAMP AND MODULATION
All ramps are generated according to the scheme shown in
Figure 49. The total ramp is separated into four sections. Each
section consists of a delay section and a slope section. Each
slope is made up of one or more steps. Each step has a
programmed frequency deviation and step time.
There are numerous ramp shapes available (see the Waveform
Generation section). Depending on the chosen shape, some or
all of the ramp slopes must be programmed. Figure 49 shows
what must be programmed for each shape. The slope being
programmed is controlled by
CLK DIV SEL (Register R13, Bits[DB6:DB5]).
DEV SEL (Register R14, Bits[DB26:DB25]).
Step SEL (Register R15, Bits[DB26:DB25]).
Typically, each register must be written multiple times, one time
for each slope.
The frequency deviation for each step of a slope is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
where:
fDEV is the frequency deviation of a step.
fPFD is the PFD frequency.
DEV is the deviation value (Register R14, Bits[DB20:DB5]).
DEV_OFFSET is the deviation offset (Register R14,
Bits[DB24:DB21]).
The time for each step of a slope is set by
Timer = CLK1 × CLK2 × (1/fPFD)
where:
Timer is the time per step.
CLK1 is the CLK1 value (Register R7, Bits[23:12]).
CLK2 is the CLK2 value (Register R13, Bits[18:7]).
CLK1 is common to all slopes.
The number of steps per slope is programmed in Register R15,
Bits[DB24:DB5].
When programming the registers for a ramp, write the registers
in descending order. Then write to Register R5 to enable the
ramp (Register R5, Bit DB29 = 1) must be last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com