Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 2Page - Analog Devices ADF5902 Datasheet HTML 3Page - Analog Devices ADF5902 Datasheet HTML 4Page - Analog Devices ADF5902 Datasheet HTML 5Page - Analog Devices ADF5902 Datasheet HTML 6Page - Analog Devices ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 6 of 39
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AHI to GND
−0.3 V to +3.9 V
AHI to TX_AHI
−0.3 V to +0.3 V
AHI to RF_AHI
−0.3 V to +0.3 V
AHI to VCO_AHI
−0.3 V to +0.3 V
AHI to DVDD
−0.3 V to +0.3 V
AHI to CP_AHI
−0.3 V to +0.3 V
VTUNE to GND
−0.3 V to +3.6 V
Digital Input/Output Voltage to GND
−0.3 V to DVDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model (CDM)
250 V
Human Body Model (HBM)
2000 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
The ADF5902 is a high performance RF integrated circuit with
an ESD rating of 2 kV and is ESD sensitive. Take proper
precautions for handling and assembly.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 4. Thermal Resistance
Package Type
θJA1
θJC2
Unit
CP-32-123
48.18
26.86
°C/W
1 θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure.
2 θJC is the junction-to-case thermal resistance.
3 Test Condition 1: thermal impedance simulated values are based on use of a
PCB with the thermal impedance pad soldered to GND.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com