Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices ADF5902 Datasheet HTML 23Page - Analog Devices ADF5902 Datasheet HTML 24Page - Analog Devices ADF5902 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 21 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
RON
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
F24
F23
F22
F21
F20
F19
F18
F17
F16
F15
F14
F13
C4(0) C3(1) C2(0) C1(1)
CONTROL
BITS
RESERVED
FRAC MSB WORD
INTEGER WORD
C5(0)
N11
N10
...
N4
N3
N2
N1
N0
0
0
...
00
00
0
NOT ALLOWED
0
0
...
00
00
1
NOT ALLOWED
0
0
...
00
01
0
NOT ALLOWED
.
.
...
.
.
.
.
.
...
0
0
...
01
01
0
NOT ALLOWED
0
0
...
01
01
1
75
0
0
...
01
10
0
76
.
.
...
.
.
.
.
.
...
1
1
...
11
10
1
4093
1
1
...
11
11
0
4094
1
1
...
11
11
1
4095
F24
F23
..........
F14
F13
(FRAC)*
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
.........
1
1
4095
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER R5, AND THE 13-BIT LSB REGISTER STORED IN
REGISTER R6. FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
INTEGER WORD
FRAC MSB WORD
R1
RAMP ON
0
RAMP DISABLED
RAMP ENABLED
1
Figure 29. Register 5 (R5)
REGISTER 5
Control Bits
With Bits[C5:C1] set to 00101, Register R5 is programmed.
Figure 29 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB30] are reserved and must be set as shown in
Figure 29.
Ramp On
When Bit DB29 is set to 1, the ramp is started. When Bit DB29
is set to 0, the ramp function is disabled.
In continuous ramp modes, the ramp stops when Bit DB29 is
set to 0. For applications that require the ramp to stop at the
initial frequency, a write to Register R6 is required prior to
disabling the ramp function. In single ramp modes, a write to
Register R6 is required prior to repeating the single ramp
function.
When using the TX_DATA pin to trigger the ramp off in
continuous ramp modes, the ramp stops at the initial frequency,
a write to Register R6 is not required. When using the TX_
DATA pin in single ramp modes, a write to Register R6 is not
required prior to repeating the single ramp function.
12-Bit Integer Value (INT)
These 12 bits (Bits[DB28:DB17]) set the INT value, which
determines the integer part of the RF division factor. This INT
value is used in Equation 5. See the RF Synthesis: a Worked
Example section for more information. All integer values from 75
to 4095 are allowed.
12-Bit MSB Fractional Value (FRAC)
Bits[DB16:DB5], together with Bits[DB17:DB5] (FRAC LSB
word) in Register R6, control what is loaded as the FRAC value
into the fractional interpolator. This FRAC value partially
determines the overall RF division factor. It is also used in
Equation 1. These 12 bits are the most significant bits (MSB) of
the 25-bit FRAC value, and Bits[DB17:DB5] (FRAC LSB word)
in Register R6 are the least significant bits (LSB). See the RF
Synthesis: a Worked Example section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com