Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices ADF5902 Datasheet HTML 23Page - Analog Devices ADF5902 Datasheet HTML 24Page - Analog Devices ADF5902 Datasheet HTML 25Page - Analog Devices ADF5902 Datasheet HTML 26Page - Analog Devices ADF5902 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 23 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
00
0
0
0
MR
1
CONTROL
BITS
RD2
RD
R4R3
R2R1
R0
C4(0) C3(1) C2(1) C1(1)
C5(0)
RESERVED
R DIVIDER
R4
R3
R1
R0
R DIVIDER (R)
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
28
11
0
1
29
11
1
0
30
11
1
1
31
RD
0
DISABLED
1
ENABLED
RD2
0DISABLED
1
ENABLED
R2
0
0
.
.
.
1
1
1
1
REF
DOUBLER
RDIV2
MR
0
1
MASTER RESET
ENABLED
DISABLED
DBR
CLOCK DIVIDER
C1D11 C1D10
.......... C1D2 C1D0
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
.........
1
1
4095
C1D11C1D10 C1D9 C1D8 C1D7 C1D6 C1D5 C1D4 C1D3 C1D2 C1D1 C1D0
DBR1
CLOCK DIVIDER (CLK 1)
1DBR = DOUBLE-BUFFERED REGISTER.
Figure 31. Register 7 (R7)
REGISTER 7
Control Bits
With Bits[C5:C1] set to 00111, Register R7 is programmed.
Figure 31 shows the input data format for programming
this register.
Reserved
Bits[DB31:DB26] are reserved and must be set as shown in
Figure 31.
Master Reset
Bit DB25 provides a master reset bit for the device. Setting this
bit to 1 performs a reset of the device and all register maps.
Setting this bit to 0 returns the device to normal operation.
Clock Divider
Bits[DB23:DB12] controls the clock divider (CLK1) value (see
Figure 31). The CLK1 value sets a divider for the VCO frequency
calibration. Load the divider such that PFD frequency (fPFD)/
CLK1 is less than or equal to 25 kHz.
For example, for fPFD = 50 MHz, set CLK1 = 2048 so that fPFD/
CLK1 < 25 kHz.
The CLK1 value is also used to determine the duration of the
time step in ramp mode. See the Ramp and Modulation section
for more information.
Divide by 2 (RDIV2)
Setting the DB11 bit to 1 inserts a divide by 2 toggle flip flop
between the R counter and VCO calibration block.
Reference Doubler
Setting DB10 to 0 feeds the REFIN signal directly to the 5-bit
R counter, disabling the doubler. Setting this bit to 1 multiplies
the REFIN frequency by a factor of 2 before the REFIN signal is
fed to the 5-bit R counter. When the doubler is disabled, the
REFIN falling edge is the active edge at the PFD input to the
fractional synthesizer. When the doubler is enabled, both the
rising and falling edges of REFIN become active edges at the
PFD input.
When the reference doubler is enabled, for optimum phase
noise performance, it is recommended to only use charge pump
current settings of 0b0000 to 0b0111, that is, 0.28 mA to 2.24 mA
in Register 12. In this case, the best practice is to design the loop
filter for a charge pump current of 1.12 mA or 1.4 mA and then
use the programmable charge pump current to adjust the
frequency response.
The maximum allowable REFIN frequency when the doubler is
enabled is 50 MHz.
5-Bit R Divider
The 5-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the VCO calibration block. Division ratios from 1 to 31 are
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com