Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 25Page - Analog Devices ADF5902 Datasheet HTML 26Page - Analog Devices ADF5902 Datasheet HTML 27Page - Analog Devices ADF5902 Datasheet HTML 28Page - Analog Devices ADF5902 Datasheet HTML 29Page - Analog Devices ADF5902 Datasheet HTML 30Page - Analog Devices ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 29 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
SS1
SS0 SW19
CONTROL
BITS
SW18 SW17 SW16 SW15 SW14 SW13 SW12 SW11 SW10 SW9
SW8 SW7
SW6 SW5 SW4 SW3 SW2 SW1 SW0
C4(1) C3(1) C2(1) C1(1)
STEP WORD
C5(0)
STEP
SEL
00
0
0
RESERVED
...
STEP WORD
0
0
...
0
0
0
00
...
01
1
00
...
10
2
00
...
11
3
..
...
..
.
..
...
..
.
..
...
..
.
1
1
...
0
0
1,048,572
1
1
...
0
1
1,048,573
1
1
...
1
0
1,048,574
1
1
...
1
1
1,048,575
SW19 SW18
SW1
SW0
00
01
10
11
LOAD STEP 0
LOAD STEP 1
LOAD STEP 2
LOAD STEP 3
STEP SEL
SS1
SS0
Figure 40. Register 15 (R15)
REGISTER 15
Control Bits
With Bits[C5:C1] set to 01111, Register R15 is programmed.
Figure 40 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB27] are reserved and must be set as shown in
Figure 40.
Step Select
Bits[DB26:DB25] select the step word to be loaded (see Figure 40).
20-Bit Step Word
Bits[DB22:DB3] determine the step word. The step word is the
number of steps in the ramp (see the Ramp and Modulation
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com