Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 3Page - Analog Devices ADF5902 Datasheet HTML 4Page - Analog Devices ADF5902 Datasheet HTML 5Page - Analog Devices ADF5902 Datasheet HTML 6Page - Analog Devices ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices ADF5902 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 7 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GND.
TXOUT1
GND
TX_AHI
TX_AHI
GND
TXOUT2
GND
DOUT
LE
DATA
CLK
CE
TX_DATA
VREG
DVDD
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADF5902
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 6, 8, 10,
12, 13
GND
RF Ground. Tie all GND pins together.
2
TXOUT1
24 GHz Transmitter Output 1.
4, 5
TX_AHI
Voltage Supply for the Transmitter Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the
ground plane as close as possible to this pin. TX_AHI must be the same value as AHI.
7
TXOUT2
24 GHz Transmitter Output 2.
9
ATEST
Analog Test Output Pin.
11
LOOUT
LO Output.
14
RF_AHI
Voltage Supply for the RF Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the ground
plane as close as possible to this pin. RF_AHI must be the same value as AHI.
15
REFIN
Reference Input. This pin is a CMOS input with a nominal threshold of DVDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 17. This input can be driven from a TTL or CMOS crystal oscillator, or it can
be ac-coupled.
16
AHI
Voltage Supply for the Analog Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the
ground plane as close as possible to this pin.
17
DVDD
Digital Power Supply. This supply may range from 3.135 V to 3.465 V. Place decoupling capacitors (0.1 μF,
1 nF, and 10 pF) to the ground plane as close as possible to this pin. DVDD must be the same value as AHI.
18
VREG
Internal 1.8 V Regulator Output. Connect a 220 nF capacitor to ground as close as possible to this pin.
19
TX_DATA
Transmit Data Pin. This pin controls some of the ramping functionality. Synchronize the rising edge of the
TX_DATA signal to the rising edge of REFIN.
20
CE
Chip Enable. A logic low on this pin powers down the device. Taking the pin high powers up the device.
21
CLK
Serial Clock Input. This serial clock input clocks in the serial data to the registers. The data is latched into the
32-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
22
DATA
Serial Data Input. The serial data is loaded MSB first with the four LSBs as the control bits. This input is a
high impedance CMOS input.
23
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded to one of the
18 latches with the latch selected via the control bits.
24
DOUT
Serial Data Output.
25
MUXOUT
Multiplexer Output. This multiplexer output allows various internal signals to be accessed externally.
26
RSET
Resistor Setting Pin. Connecting a 5.1 kΩ resistor between this pin and GND sets an internal current. The
nominal voltage potential at the RSET pin is 0.62 V.
27
CP_AHI
Charge Pump Power Supply. This supply may range from 3.135 V to 3.465 V. Place decoupling capacitors
(0.1 μF, 1 nF, and 10 pF) to the ground plane as close as possible to this pin. CP_AHI must be the same value
as AHI.
28
CPOUT
Charge Pump Output. When the charge pump is enabled, this output provides ±ICP to the external loop
filter, which, in turn, drives the VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com