Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 23Page - Analog Devices ADF5902 Datasheet HTML 24Page - Analog Devices ADF5902 Datasheet HTML 25Page - Analog Devices ADF5902 Datasheet HTML 26Page - Analog Devices ADF5902 Datasheet HTML 27Page - Analog Devices ADF5902 Datasheet HTML 28Page - Analog Devices ADF5902 Datasheet HTML 29Page - Analog Devices ADF5902 Datasheet HTML 30Page - Analog Devices ADF5902 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 27 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
LES CDM1 CDM0 C2D11 C2D10 C2D9 C2D8 C2D7 C2D6 C2D5 C2D4 C2D3 C2D2 C2D1 C2D0 CDS1 CDS0
C4(1) C3(1) C2(0) C1(1)
CONTROL
BITS
CLOCK DIVIDER 2
C5(0)
RESERVED
00
...
0
0
0
00
...
0
1
1
00
...
1
0
2
00
...
1
1
3
..
...
.
.
.
..
...
.
.
.
..
...
.
.
.
11
...
0
0
4092
11
...
0
1
4093
11
...
1
0
4094
11
...
1
1
4095
C2D11 C2D10
C2D0
C2D1
CLOCK DIVIDER 2 (CLK2)
CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
01
10
1
1
RAMP DIVIDER
RESERVED
CDM1 CDM0
00
01
10
11
LOAD CLK DIV 0
LOAD CLK DIV 1
LOAD CLK DIV 2
LOAD CLK DIV 3
CLK DIV SEL
CDS1 CDS0
LES
LE SEL
0
1
LE FROM PIN
LE SYNC WITH REFIN
FREQ MEASUREMENT
Figure 38. Register 13 (R13)
REGISTER 13
Control Bits
With Bits[C5:C1] set to 01101, Register R13 is programmed.
Figure 38 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB22] are reserved and must be set as shown in
Figure 38.
LE Select
In some applications, it is necessary to synchronize the LE pin
with the reference signal. To perform this synchronization,
Bit DB21 must be set to 1. Synchronization is performed
internally on the device.
Clock Divider Mode
Bits[DB20:DB19] are used to enable ramp divider mode. When
using any of the ramp modes, set Bits[CDM1:CDM0] to 11.
Otherwise, set these bits to 0b00.
12-Bit Clock Divider (CLK2) Value
Bits[DB18:DB7] program the clock divider (CLK2) timer when
the device operates in ramp mode (see the Ramp and
Modulation section).
Clock Divider Select
Bits[DB6:DB5] select the segment of the ramp CLK2 is used (see
Figure 38). For more information, see the Ramp and Modulation
section. Bits[DB6:DB5] are shown as CLK DIV SEL in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com