Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices ADF5902 Datasheet HTML 11Page - Analog Devices ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 11 of 39
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 17. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This configuration ensures that there is no loading of
the REFIN pin on power-down.
BUFFER
TO R COUNTER
REFIN
100kΩ
NC1
SW2
SW3
NO2
NC1
1NC = NORMALLY CLOSED
2NO = NORMALLY OPEN
SW1
POWER-DOWN
CONTROL
Figure 17. Reference Input Stage
RF INT DIVIDER
The RF INT counter allows a division ratio in the RF feedback
counter. Division ratios from 75 to 4095 are allowed.
INT, FRAC, AND R RELATIONSHIP
Generate the RF VCO frequency (RFOUT) using the INT and
FRAC values in conjunction with the R counter, as follows:
RFOUT = fPFD × (INT + (FRAC/225)) × 2
(1)
where:
RFOUT is the output frequency of the internal VCO.
fPFD is the phase frequency detector (PFD) frequency.
INT is the preset divide ratio of the binary 12-bit counter
(75 to 4095).
FRAC is the numerator of the fractional division (0 to 225 − 1).
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit (0 or 1).
R is the preset divide ratio of the binary, 5-bit, programmable
reference counter (1 to 32).
T is the REFIN divide by 2 bit (0 or 1).
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
INT
VALUE
RF N DIVIDER
N = INT + FRAC/225
FROM RF
INPUT STAGE
TO PFD/
CAL BLOCK
N COUNTER
Figure 18. RF N Divider
×2
DOUBLER
5-BIT
R
COUNTER
÷2
DIVIDER
TO PFD/
CAL BLOCK
REFIN
R DIVIDER
Figure 19. Reference Divider
R COUNTER
The 5-bit R counter allows the input reference frequency (REFIN)
to be divided down to supply the reference clock to the PFD
and VCO calibration block. Division ratios from 1 to 32 are
allowed.
PFD AND CHARGE PUMP
The PFD receives inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 20 shows a simplified sche-
matic of the PFD.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 20. PFD Simplified Schematic
The PFD includes a fixed delay element that sets the width of the
antibacklash pulse, which is typically 1 ns. This pulse ensures that
there is no dead zone in the PFD transfer function and provides
a consistent reference spur level.
INPUT SHIFT REGISTER
The ADF5902 digital section includes a 5-bit RF R counter,
a 12-bit RF N counter, and a 25-bit FRAC counter. Data is
clocked to the 32-bit input shift register on each rising edge of
CLK. The data is clocked in MSB first. Data is transferred from
the input shift register to one of 18 latches on the rising edge of
LE. The destination latch is determined by the state of the five
control bits (C5, C4, C3, C2, and C1) in the input shift register.
These are the five LSBs (DB4, DB3, DB2, DB1, and DB0,
respectively), as shown in Figure 2. Table 6 shows the truth table
for these bits. Figure 21 and Figure 22 show a summary of how
the latches are programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com