Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 16 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
1
0
0
0
000
0000
0
CONTROL
BITS
11
1
1
1
1
1
Tx2C Tx1C PVCO VCAL PADC PTx2 PTx1 PLO
C4(0) C3(0) C2(0) C1(0)
C5(0)
RESERVED
PLO
0
1
PUP LO
POWER UP LO
POWER DOWN LO
PTx1
0
1
PUP Tx1
POWER UP Tx1
POWER DOWN Tx1
PTx2
0
1
PUP Tx2
POWER UP Tx2
POWER DOWN Tx2
PADC
0
1
PUP ADC
POWER UP ADC
POWER DOWN ADC
VCAL
0
1
VCO CAL
VCO FULL CAL
NORMAL OPERATION
PVCO
0
1
PUP VCO
POWER UP VCO
POWER DOWN VCO
Tx1C
0
1
Tx1 AMP CAL
Tx1 AMP CAL
NORMAL OPERATION
Tx2C
0
1
Tx2 AMP CAL
Tx2 AMP CAL
NORMAL OPERATION
Figure 24. Register 0 (R0)
REGISTER 0
Control Bits
With Bits[C5:C1] set to 00000, Register R0 is programmed.
Figure 24 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB13] are reserved and must be set as shown in
Figure 24.
Transmitter 2 (Tx2) Amplitude Calibration
Bit DB12 provides the control bit for amplitude calibration of
the Tx2 output. Set this bit to 0 for normal operation. Setting
this bit to 1 performs an amplitude calibration of the Tx2
output. Bit DB12 is shown as Tx2 AMP CAL in Figure 24.
Tx1 Amplitude Calibration
Bit DB11 provides the control bit for amplitude calibration of
the Tx1 output. Set this bit to 0 for normal operation. Setting
this bit to 1 performs an amplitude calibration of the Tx1
output. Bit DB11 is shown as Tx1 AMP CAL in Figure 24.
Power-Up VCO
Bit DB10 provides the power-up bit for the VCO. Setting this bit
to 0 performs a power-down of the VCO. Setting this bit to 1
performs a power-up of the VCO. Bit DB10 is shown as PUP
VCO in Figure 24.
VCO Calibration
Bit DB9 provides the control bit for frequency calibration of the
VCO. Set this bit to 0 for normal operation. Setting this bit to 1
performs a VCO frequency and amplitude calibration. Bit DB9
is shown as VCO CAL in Figure 24.
Power-Up ADC
Bit DB8 provides the power-up bit for the ADC. Setting this bit
to 0 performs a power-down of the ADC. Setting this bit to 1
performs a power-up of the ADC. Bit DB8 is shown as PUP ADC
in Figure 24.
Power-Up Tx2 Output
Bit DB7 provides the power-up bit for the Tx2 output. Setting
this bit to 0 performs a power-down of the Tx2 output. Setting
this bit to 1 performs a power-up of the Tx2 output. Only one
transmitter output can be powered up at any time, either Tx1
(DB6) or Tx2 (DB7). Bit DB7 is shown as PUP Tx2 in Figure 24.
Power-Up Tx1 Output
Bit DB6 provides the power-up bit for the Tx1 output. Setting
this bit to 0 performs a power-down of the Tx1 output. Setting
this bit to 1 performs a power-up of the Tx1 output. Only one
Tx output can be powered up at any time, either Tx1 (DB6) or
Tx2 (DB7). Bit DB6 is shown as PUP Tx1 in Figure 24.
Power-Up LO Output
Bit DB5 provides the power-up bit for the LO output. Setting
this bit to 0 performs a power-down of the LO output. Setting
this bit to 1 performs a power-up of the LO output. Bit DB5 is
shown as PUP LO in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com