Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices ADF5902 Datasheet HTML 11Page - Analog Devices ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 12 of 39
PROGRAM MODES
Table 6 and Figure 24 through Figure 42 show how to set up the
program modes in the ADF5902.
Several settings in the ADF5902 are double buffered. These
include the LSB fractional value, R counter value (R divider),
reference doubler, clock divider, RDIV2, and MUXOUT. This
means that two events must occur before the device uses a new
value for any of the double buffered settings. First, the new
value is latched into the device by writing to the appropriate
register. Second, a new write must be performed on Register R5.
For example, updating the fractional value can involve a write to
the 13 LSB bits in Register R6 and the 12 MSB bits in Register R5.
Write to Register R6 first, followed by the write to Register R5.
The frequency change begins after the write to Register R5.
Double buffering ensures that the bits written to in Register R6
do not take effect until after the write to Register R5.
Table 6. C5, C4, C3, C2, and C1 Truth Table
Control Bits
C5 (DB4)
C4 (DB3)
C3 (DB2)
C2 (DB1)
C1 (DB0)
Register
0
0
0
0
0
R0
0
0
0
0
1
R1
0
0
0
1
0
R2
0
0
0
1
1
R3
0
0
1
0
0
R4
0
0
1
0
1
R5
0
0
1
1
0
R6
0
0
1
1
1
R7
0
1
0
0
0
R8
0
1
0
0
1
R9
0
1
0
1
0
R10
0
1
0
1
1
R11
0
1
1
0
0
R12
0
1
1
0
1
R13
0
1
1
1
0
R14
0
1
1
1
1
R15
1
0
0
0
0
R16
1
0
0
0
1
R17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com