Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices ADF5902 Datasheet HTML 23Page - Analog Devices ADF5902 Datasheet HTML 24Page - Analog Devices ADF5902 Datasheet HTML 25Page - Analog Devices ADF5902 Datasheet HTML 26Page - Analog Devices ADF5902 Datasheet HTML 27Page - Analog Devices ADF5902 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 24 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
01
0
0
0
0
0
0
CONTROL
BITS
0
0
0
0
0
0
0
0
0
FC9
FC8
FC7
FC6
FC5 FC4 FC3 FC2 FC1 FC0
C4(1) C3(0) C2(0) C1(0)
FREQENCY CAL DIVIDER
C5(0)
RESERVED
FC9
FC8
...
FC4
FC3
FC2
FC1
FC0
0
0
...
0
0
0
0
0
0
0
...
0
0
0
0
1
0
0
...
0
0
0
1
0
.
.
...
.
.
.
.
.
1
2
.
.
...
.
.
.
.
.
...
1
1
...
1
1
1
0
1
1021
1
1
...
1
1
1
1
0
1023
1
1
...
1
1
1
1
1
1024
FREQUENCY CAL
DIVIDER
...
0
Figure 32. Register 8 (R8)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
01
0
1
010
0
CONTROL
BITS
0
1
0
0
0
0
0
1
0
1
1
1
0
0
1
0
0
1
C4(1) C3(0) C2(0) C1(1)
C5(0)
RESERVED
Figure 33. Register 9 (R9 0x2A20B929)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
1
0
1
0
0
0
0
CONTROL
BITS
0
0
000
001
0
111
0
0
1
0
0
1
C4(1) C3(0) C2(0) C1(1)
C5(0)
RESERVED
Figure 34. Register 9 (R9 0x2800B929)
REGISTER 8
Control Bits
With Bits[C5:C1] set to 01000, Register R8 is programmed.
Figure 32 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB15] are reserved and must be set as shown in
Figure 32.
Frequency Calibration Divider
Bits[DB14:DB5] set a divider for the VCO frequency calibration
clock. Load the divider such that the PFD frequency (fPFD)/
frequency calibration divider is less than or equal to 100 kHz
(see Figure 32).
REGISTER 9
The bits in Register 9 are reserved and must be programmed as
shown in Figure 32 using a hexadecimal word of 0x2A20B929,
prior to the VCO calibration.
The bits in Register 9 must be programmed as described in
Figure 32, using a hexadecimal word of 0x2800B929 for normal
operation.
See the Applications Information section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com