Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 5Page - Analog Devices ADF5902 Datasheet HTML 6Page - Analog Devices ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices ADF5902 Datasheet HTML 11Page - Analog Devices ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 9 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
Tx1
Tx2
OUTSIDE OF SPECIFIED RANGE
Figure 5. Transmitter (Tx) Output Power vs. Output Frequency
0
2
4
6
8
10
12
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
3.300V
3.465V
3.135V
OUTSIDE OF SPECIFIED RANGE
Figure 6. Transmitter 1 (Tx1) Output Power Variation vs. Output Frequency
with Temperature and Supply
–20
–15
–10
–5
0
5
10
15
0
102030405060708090
100
Tx AMPLITUDE CALIBRATION REFERENCE CODE
–40°C
+25°C
+105°C
Figure 7. Transmitter (Tx) Output Power vs. Transmitter (Tx) Amplitude
Calibration Reference Code
–8
–6
–4
–2
0
4
2
6
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
OUTSIDE OF SPECIFIED RANGE
Figure 8. LO Output Power vs. Output Frequency
24.000
24.050
24.100
24.150
24.200
24.250
0
100
200
300
400
500
600
TIME (µs)
Figure 9. Triangular Ramp with Delay
0
100
200
300
400
500
600
TIME (µs)
24.000
24.050
24.100
24.150
24.200
24.250
Figure 10. Dual Triangular Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com