Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 6Page - Analog Devices ADF5902 Datasheet HTML 7Page - Analog Devices ADF5902 Datasheet HTML 8Page - Analog Devices ADF5902 Datasheet HTML 9Page - Analog Devices ADF5902 Datasheet HTML 10Page - Analog Devices ADF5902 Datasheet HTML 11Page - Analog Devices ADF5902 Datasheet HTML 12Page - Analog Devices ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 10 of 39
0
100
200
300
400
500
600
TIME (µs)
24.000
24.050
24.100
24.150
24.200
24.300
24.250
Figure 11. Sawtooth Ramp
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
24.00
24.05
24.10
24.15
24.20
24.25
OUTPUT FREQUENCY (MHz)
–40°C
+25°C
+105°C
Figure 12. VTUNE Frequency Range
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 13. Open-Loop Phase Noise on Transmitter 1 Output at 24.125 GHz
0
0.5
1.0
1.5
2.0
2.5
3.0
CHARGE PUMP VOLTAGE (V)
–5
–4
–3
–2
–1
0
1
2
3
4
PUMP UP SETTING 7
PUMP DOWN SETTING 7
OUTSIDE OF SPECIFIED RANGE
Figure 14. Charge Pump Output Characteristics, CP_AHI = 3.3 V, at 25°C
–160
–140
–120
–100
–80
–60
–40
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFET (Hz)
25°C,AHI = 3.3V, ICP = 2.24mA
300kHz LOOP BW FILTER,
fPFD = 100MHz
Figure 15. Closed-Loop Phase Noise on Transmitter 1 at 24.125 GHz
0
50
100
150
200
250
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TEMPERATURE (ºC)
Figure 16. ATEST Voltage and ADC Code vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com